Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF160808-33NK Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TF160808-33NK
Description  Multi-layers Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TF160808-33NK Datasheet(HTML) 1 Page - Frontier Electronics.

  TF160808-33NK Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Layer Chip Inductors: P/N TF1608 (0603)-series
Rev. C
Aug. 28, 2008. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Multi-layers Chip Inductors---TF160808 (0603) series--Ceramic
A.
Electrical specifications:
Part
No.
L (nH)
@ 100MHz
Tolerance
Q min.
@100MHz
SRF Min.
(MHz)
DCR Max.
(Max)
Ω
I Max.
(mA)
TF160808-1N0S
1.0
S
8
>17000
0.10
300
TF160808-1N2S
1.2
S
8
>17000
0.10
300
TF160808-1N5S
1.5
S
8
>17000
0.10
300
TF160808-1N8S
1.8
S
8
13000
0.15
300
TF160808-2N2S
2.2
S
8
12000
0.15
300
TF160808-2N7S
2.7
S
8
8500
0.20
300
TF160808-3N3S
3.3
S
8
6500
0.25
300
TF160808-3N9S
3.9
S
8
6250
0.25
300
TF160808-4N7S
4.7
S
8
5400
0.30
300
TF160808-5N6S
5.6
S
8
4500
0.30
300
TF160808-6N8_
6.8
J, K
8
4500
0.35
300
TF160808-8N2_
8.2
J, K
8
3800
0.40
300
TF160808-10N_
10
J, K
8
3700
0.45
300
TF160808-12N_
12
J, K
8
3200
0.50
300
TF160808-15N_
15
J, K
8
2900
0.55
300
TF160806-18N_
18
J, K
10
2100
0.60
300
TF160808-22N_
22
J, K
10
2100
0.65
300
TF160808-27N_
27
J, K
10
2000
0.70
300
TF160808-33N_
33
J, K
10
1600
0.80
300
TF160808-39N_
39
J, K
10
1500
0.85
300
TF160808-47N_
47
J, K
12
1200
1.00
300
TF160808-56N_
56
J, K
12
1100
1.10
300
TF160808-68N_
68
J, K
12
1000
1.20
300
TF160808-82N_
82
J, K
12
850
1.80
300
TF160808-R10_
100
J, K
12
750
2.00
300
TF160808-R12_
120
J, K
8
700
2.30
300
B.
Dimensions: [Unit: mm /(inch)]
P/N & Package Size
A
B
C
D
TF160808 ( 0603 )
1.6 ± 0.2 ( 0.063 ± 0.008 )
0.8 ± 0.2 ( 0.031 ± 0.008 )
0.8 ± 0.2 ( 0.031 ± 0.008 )
0.3± 0.2 ( 0.012 ± 0.008 )
C.
Part Number Key & Mechanical drawing:
Part Number Key & Mechanical drawing
D.
Features:
1.
Tolerance: M: ±20%, L: ± 15%, K: ±10%, J: ±5%, D: ±0.5nH, S: ±0.3nH.
2.
The product’s material: Ceramic.
3.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5.
The completely monolithic structure gives high reliability and allows high SRF.
6.
Operating temperature range:
−25ºC to +85ºC. both flow and IR re-flow application is possible.
7.
Inductance Range:
*TF160808 (0603) Series: Multi-layer Ceramic Chip Inductor, from 1.00 nH (300 mA) to 120 nH (300 mA)
8.
RoHS compliant.


Similar Part No. - TF160808-33NK

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF160808-39N FRONTIER-TF160808-39N Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808-3N3 FRONTIER-TF160808-3N3 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808-3N9 FRONTIER-TF160808-3N9 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
More results

Similar Description - TF160808-33NK

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF2012 FRONTIER-TF2012 Datasheet
36Kb / 1P
   Multi-layers Chip Inductors
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
   Multi-layers Chip Inductors
FL3216 FRONTIER-FL3216 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
   Multi-layers Chip Inductors
TF100505 FRONTIER-TF100505 Datasheet
92Kb / 1P
   Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
   Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com