Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGOV5S3M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # EGOV5S3M
Description  14 PIN DIP 5.0V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EGOV5S3M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  EGOV5S3M Datasheet HTML 1Page - Connor-Winfield Corporation EGOV5S3M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - EGOV5S3M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EGOV3S3 CONNOR-WINFIELD-EGOV3S3 Datasheet
225Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO
EGOV3S3-19.44M CONNOR-WINFIELD-EGOV3S3-19.44M Datasheet
225Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO
More results

Similar Description - EGOV5S3M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA3HA1CB CONNOR-WINFIELD-OVA3HA1CB Datasheet
153Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA CONNOR-WINFIELD-OVA5AB1AA Datasheet
152Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
CGOV3S3 CONNOR-WINFIELD-CGOV3S3 Datasheet
215Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO
EGOV3S3 CONNOR-WINFIELD-EGOV3S3 Datasheet
225Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO
OVA5GA3AB CONNOR-WINFIELD-OVA5GA3AB Datasheet
188Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com