Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EH93-633-155.52 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # EH93-633-155.52
Description  SURFACE MOUNT 5.0V PECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EH93-633-155.52 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  EH93-633-155.52 Datasheet HTML 1Page - Connor-Winfield Corporation EH93-633-155.52 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Ec175
INT
01
11/7/02
www.conwin.com
Pin
Connection
1
N/C
2
Option
3
Ground
4
Vee
5
N/C
6
Option
7
Q Output
8
N/C
9
Vcc
10
N/C
Dimensional Tolerance:
±.005 (.127mm)


Similar Part No. - EH93-633-155.52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EH93-5 ETC1-EH93-5 Datasheet
107Kb / 2P
   SURFACE MOUNT PECL OSCILLATORS
EH93-51 ETC1-EH93-51 Datasheet
107Kb / 2P
   SURFACE MOUNT PECL OSCILLATORS
logo
Connor-Winfield Corpora...
EH93-510 CONNOR-WINFIELD-EH93-510 Datasheet
107Kb / 2P
   SURFACE MOUNT PECL OSCILLATOR
EH93-511 CONNOR-WINFIELD-EH93-511 Datasheet
107Kb / 2P
   SURFACE MOUNT PECL OSCILLATOR
EH93-512 CONNOR-WINFIELD-EH93-512 Datasheet
107Kb / 2P
   SURFACE MOUNT PECL OSCILLATOR
More results

Similar Description - EH93-633-155.52

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FPHA554 CONNOR-WINFIELD-FPHA554 Datasheet
122Kb / 2P
   SURFACE MOUNT 5.0V PECL CLOCK
FPHD54T2 CONNOR-WINFIELD-FPHD54T2 Datasheet
236Kb / 2P
   SURFACE MOUNT 5.0V PECL CLOCK
FPHA514 CONNOR-WINFIELD-FPHA514 Datasheet
142Kb / 2P
   5.0V SURFACE MOUNT PECL CLOCK
FPHA552 CONNOR-WINFIELD-FPHA552 Datasheet
177Kb / 2P
   SURFACE MOUNT 5.0V PECL CLOCK
FPHA554G CONNOR-WINFIELD-FPHA554G Datasheet
148Kb / 2P
   5.0V SURFACE MOUNT PECL CLOCK
EML5343 CONNOR-WINFIELD-EML5343 Datasheet
208Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5434 CONNOR-WINFIELD-EML5434 Datasheet
201Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5213 CONNOR-WINFIELD-EML5213 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5313 CONNOR-WINFIELD-EML5313 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
EML5113 CONNOR-WINFIELD-EML5113 Datasheet
196Kb / 2P
   SURFACE MOUNT 3.3V PECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com