Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4503TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL4503TM
Description  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL4503TM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL4503M Rev. 1.0.3
August 2008
HCPL4503M
High Speed Transistor Optocouplers
Features
VISO = 5kV RMS is standard for all devices
High speed – 1MBit/s
Superior CMR, CMH = 50kV/ms (typical);
CML = 30kV/ms (typical)
No base connection for improved noise immunity
CTR guaranteed 0°C to 70°C
U.L. recognized (File # E90700, Vol 2)
VDE approval pending
Applications
Line receivers
Pulse transformer replacement
Output interface to CMOS-LSTTL-TTL
Wide bandwidth analog coupling
Description
The HCPL4503M optocoupler consists of an AlGaAs
LED optically coupled to a high speed photodetector
transistor.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor.
The base of the phototransistor is not bonded out to a
pin for improved noise immunity.
An internal noise shield provides superior common mode
rejection of 15kV/µs minimum.
Schematic
Package Outlines
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
N/C
V
O
GND
N/C
N/C
8
8
1
8
1
1


Similar Part No. - HCPL4503TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503TM FAIRCHILD-HCPL4503TM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503TM FAIRCHILD-HCPL4503TM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com