Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPLA542 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # FPLA542
Description  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLA542 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  FPLA542 Datasheet HTML 1Page - Connor-Winfield Corporation FPLA542 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Ec139
01
7/24/03
www.conwin.com
SUGGESTED PAD LAYOUT
PIN
CONNECTION
N/C
ENABLE/DISABLE
N/C
GROUND
N/C
N/C
Q OUTPUT
N/C
Vcc
N/C
1
2
3
4
5
6
7
8
9
10
OUTPUT WAVEFORM
“1” LEVEL
“0” LEVEL
ENABLE/
DISABLE


Similar Part No. - FPLA542

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPLA542 ETC1-FPLA542 Datasheet
63Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS
More results

Similar Description - FPLA542

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com