Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPLD52TBG5-155.52M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FPLD52TBG5-155.52M
Description  3.3V SURFACE MOUNT LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLD52TBG5-155.52M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FPLD52TBG5-155.52M Datasheet HTML 1Page - Connor-Winfield Corporation FPLD52TBG5-155.52M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
FPLD52TBG5 is a fixed
frequency, surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and a ±50ppm
overall stability. Operating at
3.3V supply voltage, the
FPLD52TBG5 provides LVPECL
Differential Outputs with
Enable/Disable function.
1
2
FPLD52TBG5 -155.52MHz
LVPECL
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE FUNCTION PAD 2
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
±50ppm
TEMPERATURE RANGE: 0 to 70
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS 5/6 COMPLIANT
°C
3.3V SURFACE MOUNT LVPECL CLOCK
FPLD52TBG5
Ec238
01
07/27/06
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
WWW.CONWIN.COM
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
16.384
-
400
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
ps RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
Enable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
LVPECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
1
ns
Start-up Time
-
-
10
ms
PROCESS RECOMMENDATIONS
TABLE 6.0
Soldering Process
See solder profile page 2.
Wash
Ultrasonic cleaning is not recommended.
Notes
1)
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years
aging.
2)
When the oscillator is disabled, the true output is in a low state (Vol) and the complementary output is in the high
state (VoH).
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 1.977V.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 substrate with grounded metal
cover.


Similar Part No. - FPLD52TBG5-155.52M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB-155.52M CONNOR-WINFIELD-FPLD52TB-155.52M Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBX CONNOR-WINFIELD-FPLD52TBX Datasheet
133Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBX-312.5M CONNOR-WINFIELD-FPLD52TBX-312.5M Datasheet
133Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results

Similar Description - FPLD52TBG5-155.52M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com