Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185H-1.2 Datasheet(PDF) 1 Page - Linear Technology

Part # LM185H-1.2
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM185H-1.2 Datasheet(HTML) 1 Page - Linear Technology

  LM185H-1.2 Datasheet HTML 1Page - Linear Technology LM185H-1.2 Datasheet HTML 2Page - Linear Technology LM185H-1.2 Datasheet HTML 3Page - Linear Technology LM185H-1.2 Datasheet HTML 4Page - Linear Technology LM185H-1.2 Datasheet HTML 5Page - Linear Technology LM185H-1.2 Datasheet HTML 6Page - Linear Technology LM185H-1.2 Datasheet HTML 7Page - Linear Technology LM185H-1.2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
1
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Portable Meter References
s
Portable Test Instruments
s
Battery Operated Systems
s
Current Loop Instrumentation
s
10
µA to 20mA Operating Range
s
Guaranteed 1% Initial Voltage Tolerance
s
Guaranteed 1
Ω Dynamic Impedance
s
Very Low Power Consumption
Micropower Voltage
Reference
Reverse Voltage Change with Current
The LM185-1.2 is a two terminal band gap reference diode
that has been designed for applications which require
precision performance with micropower operation. The
device provides guaranteed operating specifications at
currents as low as 10
µA. The nominal voltage is 1.235V
with both 1% and 2% tolerances available. Some addi-
tional features are: maximum dynamic impedance of 1
Ω,
low noise and excellent stability over time and tempera-
ture. Advanced design, processing and testing techniques
make Linear’s LM185-1.2 a superior choice over previous
designs. A micropower 5V reference application is shown
below. For guaranteed TC, micropower references, see the
LT1034 data sheet.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Micropower 5V Reference
+
185/285/385 TA01a
V+
V
LM385-1.2
LM334
LT1494
3
2
7
6
4
R
5.6k
150pF
3.01M
1%
1M
1%
VIN
7V TO 15V
5V
REVERSE CURRENT (mA)
10
8
6
4
2
0
–2
0.01
1
10
100
185/285/385 TA01b
0.1
TA = 25°C


Similar Part No. - LM185H-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185H-1.2 NSC-LM185H-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM185H-1.2 NSC-LM185H-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM185H-1.2 NSC-LM185H-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185H-1.2 TI1-LM185H-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185H-1.2-QV TI1-LM185H-1.2-QV Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
More results

Similar Description - LM185H-1.2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com