Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385S8-1.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LM385S8-1.2
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM385S8-1.2 Datasheet(HTML) 8 Page - Linear Technology

  LM385S8-1.2 Datasheet HTML 1Page - Linear Technology LM385S8-1.2 Datasheet HTML 2Page - Linear Technology LM385S8-1.2 Datasheet HTML 3Page - Linear Technology LM385S8-1.2 Datasheet HTML 4Page - Linear Technology LM385S8-1.2 Datasheet HTML 5Page - Linear Technology LM385S8-1.2 Datasheet HTML 6Page - Linear Technology LM385S8-1.2 Datasheet HTML 7Page - Linear Technology LM385S8-1.2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1985
18512fa LT/CP 0901 1.5K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1004-1.2
Micropower Shunt Reference
0.3% Initial Accuracy
LT1034
1.2V Micropower Shunt Reference
40ppm/
°C Max Temperature Coefficient
Micropower Reference for 9V Battery
1.2V Reference from 1.5V Battery
185/285/385 TA02
9V
510k
LM385-1.2
1.23V
185/285/385 TA03
1.5V
3k
LM385-1.2
1.23V
TYPICAL APPLICATIO S


Similar Part No. - LM385S8-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM385S8-2.5 LINER-LM385S8-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - LM385S8-1.2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com