Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MH Datasheet(PDF) 4 Page - Linear Technology

Part # LT1013MH
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1013MH Datasheet(HTML) 4 Page - Linear Technology

  LT1013MH Datasheet HTML 1Page - Linear Technology LT1013MH Datasheet HTML 2Page - Linear Technology LT1013MH Datasheet HTML 3Page - Linear Technology LT1013MH Datasheet HTML 4Page - Linear Technology LT1013MH Datasheet HTML 5Page - Linear Technology LT1013MH Datasheet HTML 6Page - Linear Technology LT1013MH Datasheet HTML 7Page - Linear Technology LT1013MH Datasheet HTML 8Page - Linear Technology LT1013MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1013/LT1014
10134fc
The
denotes the specifications which apply over the temperature range
– 55
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V unless otherwise noted.
LT1013AM
LT1014AM
LT1013M/LT1014M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
VOS
Input Offset Voltage
80
300
90
350
110
550
μV
VS = + 5V, 0V; VO = + 1.4V
–55
°C ≤ TA ≤ 100°C
80
450
90
480
100
750
μV
VCM = 0.1V, TA = 125°C
120
450
150
480
200
750
μV
VCM = 0V, TA = 125°C
250
900
300
960
400
1500
μV
Input Offset Voltage Drift
(Note 3)
0.4
2.0
0.4
2.0
0.5
2.5
μV/°C
IOS
Input Offset Current
0.3
2.5
0.3
2.8
0.4
5.0
nA
VS = + 5V, 0V; VO = +1.4V
0.6
6.0
0.7
7.0
0.9
10.0
nA
IB
Input Bias Current
15
30
15
30
18
45
nA
VS = + 5V, 0V; VO = +1.4V
20
80
25
90
28
120
nA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
0.5
2.0
0.4
2.0
0.25
2.0
V/
μV
CMRR
Common Mode Rejection
VCM = +13.0V, – 14.9V
97
114
96
114
94
113
dB
PSRR
Power Supply Rejection
VS = ±2V to ±18V
100
117
100
117
97
116
dB
Ratio
VOUT
Output Voltage Swing
RL = 2k
±12 ±13.8
±12 ±13.8 — ±11.5 ±13.8 —
V
VS = +5V, 0V
RL = 600Ω to Ground
Output Low
6
15
615
618
mV
Output High
3.2
3.8
3.2
3.8
3.1
3.8
V
IS
Supply Current
0.38
0.60
0.38
0.60
0.38
0.7
mA
Per Amplifier
VS = +5V, 0V; VO = +1.4V
0.34
0.55
0.34
0.55
0.34
0.65
mA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1013MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013MH LINER-LT1013MH Datasheet
545Kb / 20P
   Quad Precision Op Amp
logo
Linear Integrated Syste...
LT1013MH LINEAR-LT1013MH Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1013MH LINEAR-LT1013MH Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1013MH

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com