Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1082CN8 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1082CN8
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1082CN8 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1082CN8 Datasheet HTML 1Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 2Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 3Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 4Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 5Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 6Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 7Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 8Page - Linear Integrated Systems LT1082CN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1082
sn1082 1082fas
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Suggested Core Size and
Inductance for Telecom
5V Supply
Telecom 5V Supply Short-Circuit
Frequency Shift-Down
Minimum Input Voltage
TEMPERATURE (
°C)
–75
2.9
2.8
2.7
2.6
2.5
2.4
2.3
–50
50
100
1082 G07
25
150
–25
0
75
125
ISW = 1A
ISW = 0A
Switch Saturation Voltage
SWITCH CURRENT (A)
0
2.00
1082 G08
0.25 0.50
1.50
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0.75 1.00 1.25
1.75
TJ = 150°C
TJ = 100°C
TJ = 25°C
TJ = –50°C
JUNCTION TEMPERATURE (
°C)
–75
2.2
2.0
1.8
1.6
1.4
1.2
1.0
–50
50
100
1082 G06
25
150
–25
0
75
125
Flyback Blanking Time
Switch Current Limit
TEMPERATURE (
°C)
–75
97
96
95
94
93
92
91
90
–50
50
100
1082 G05
25
150 175
–25 0
75
125
Maximum Duty Cycle
DUTY CYCLE (%)
0
3
4
40
1082 G04
2
1
0
10
20 30
50
60 70 80 90 100
TJ = –55°C
TJ = 150°C
TJ = 25°C
Short-Circuit Frequency
Shift-Down vs Feedback Current
FEEDBACK CURRENT (
µA)
0
300
1082 G03
100 200
800
70
60
50
40
30
20
10
0
400 500 600 700
TA = 150°C
TA = 0°C
TA = –55°C
LOAD
CURRENT
100mA
200mA
400mA
600mA
800mA
TYPE 52
POWDERED
IRON
T38 250
µH
T50 250
µH
T60 250
µH
T60 250
µH
T80 350
µH
KOOL M
µ
OR MOLY-
PERMALLOY
T38 200
µH
T38 150
µH
T50 150
µH
T50 200
µH
T80 350
µH
1082 GA
POWER OUTPUT (W)
0
4
1082 G01
1
2
3
79
76
73
70
67
64
61
58
55
VIN = –20V
VIN = –40V
VIN = –60V
VIN = –70V
NOTE: THIS GRAPH IS BASED ON LOW CORE LOSS
PERMALLOY INDUCTOR. IF POWDERED IRON CORE
INDUCTOR IS USED, THE CORE LOSS IS TYPICALLY
100mW HIGHER.
L = 250
µH
R = 0.08
Telecom 5V Supply Efficiency
OUTPUT VOLTAGE (V)
6
54
3
2
1082 G02
80
70
60
50
40
30
20
10
0
10
TA = 25°C


Similar Part No. - LT1082CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082CN8 LINER-LT1082CN8 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082 LINER-LT1082 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com