Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1082IT Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LT1082IT
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1082IT Datasheet(HTML) 5 Page - Linear Integrated Systems

  LT1082IT Datasheet HTML 1Page - Linear Integrated Systems LT1082IT Datasheet HTML 2Page - Linear Integrated Systems LT1082IT Datasheet HTML 3Page - Linear Integrated Systems LT1082IT Datasheet HTML 4Page - Linear Integrated Systems LT1082IT Datasheet HTML 5Page - Linear Integrated Systems LT1082IT Datasheet HTML 6Page - Linear Integrated Systems LT1082IT Datasheet HTML 7Page - Linear Integrated Systems LT1082IT Datasheet HTML 8Page - Linear Integrated Systems LT1082IT Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1082
sn1082 1082fas
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Isolated Mode Flyback
Reference Voltage
TEMPERATURE (
°C)
25
24
23
22
21
20
19
18
17
16
15
1082 G09
–75 –50
50
100
25
150 175
–25 0
75
125
RFB = 3k
RFB = 6k
RFB = 10k
Supply Current vs Input Voltage**
SUPPLY VOLTAGE (V)
0
200
160
120
80
40
0
30
50
80
1082 G15
10
20
40
60
70
VC = 50mV
VC = 0V
Supply Current vs Supply Voltage
(Shutdown Mode)
INPUT VOLTAGE (V)
0
20
40
60
80
1082 G14
14
13
12
11
10
9
8
7
6
5
4
3
2
10
30
50
70
90% DUTY CYCLE
50% DUTY CYCLE
10% DUTY CYCLE
0% DUTY CYCLE
**UNDER VERY LOW OUTPUT CURRENT CONDITIONS,
DUTY CYCLE FOR MOST CIRCUITS WILL APPROACH
10% OR LESS.
Feedback Bias Current vs
Temperature
TEMPERATURE (
°C)
1082 G12
800
700
600
500
400
300
200
100
0
–75 –50
50
100
25
150 175
–25 0
75
125
Normal/Feedback Mode
Threshold on Feedback Pin
TEMPERATURE (
°C)
750
725
700
675
650
625
600
575
550
525
500
1082 G16
–75 –50
50
100
25
150 175
–25 0
75
125
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
FEEDBACK PIN VOLTAGE
(AT THRESHOLD)
FEEDBACK PIN CURRENT
(AT THRESHOLD)
VC PIN VOLTAGE (mV)
200
180
160
140
120
100
80
60
40
20
0
1082 G17
0
10
50
70
40
90 100
20 30
60
80
–55
°C ≤ TJ ≤ 125°C
TJ = 150°C
Shutdown Mode Supply Current
Reference Voltage and Switching
Frequency vs Temperature
TEMPERATURE (
°C)
70
65
60
55
50
45
1082 G11
1.250
1.245
1.240
1.235
1.230
1.225
–75 –50
50
100
25
150 175
–25 0
75
125
FREQ
VREF
INPUT VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
20
40
50
1082 G10
10
30
60
70
80
TJ = 25°C
TJ = –55°C
TJ = 150°C
Line Regulation
SWITCH CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
1082 G13
0
0.2
1.0
1.4
0.8
1.8 2.0
0.4 0.6
1.2
1.6
* AVERAGE SUPPLY CURRENT
= IQ + DC(2.9 + 10
–2 ISW + 10–5ISW2)
IQ = QUIESCENT CURRENT, DC = DUTY CYCLE,
ISW = SWITCH CURRENT
Driver Current* vs Switch Current


Similar Part No. - LT1082IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082IT LINER-LT1082IT Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082IT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082 LINER-LT1082 Datasheet
250Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com