Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1101 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1101
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1101_1 Datasheet HTML 5Page - Linear Integrated Systems LT1101_1 Datasheet HTML 6Page - Linear Integrated Systems LT1101_1 Datasheet HTML 7Page - Linear Integrated Systems LT1101_1 Datasheet HTML 8Page - Linear Integrated Systems LT1101_1 Datasheet HTML 9Page - Linear Integrated Systems LT1101_1 Datasheet HTML 10Page - Linear Integrated Systems LT1101_1 Datasheet HTML 11Page - Linear Integrated Systems LT1101_1 Datasheet HTML 12Page - Linear Integrated Systems LT1101_1 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1101
1101fa
TYPICAL PERFOR A CE CHARACTERISTICS
Common Mode Range vs Supply
Voltage
Power Supply Rejection Ratio vs
Frequency
LT1101 • TPC12
FREQUENCY (Hz)
40
80
120
20
60
100
10
1k
10k
100k
0
100
TA = 25°C
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
Common Mode Rejection Ratio vs
Frequency
Short-Circuit Current vs Time
Output Voltage Swing vs Load
Current
LT1101 • TPC14
SOURCING OR SINKING LOAD CURRENT (mA)
0.01
0.1
1
10
V–
V– 1
V+ –2
V+ –1
V– 2
V+
125°C
–55°C
–55°C
125°C
25°C
25°C
Output Saturation vs Temperature
vs Sink Current
LT1101 • TPC13
TEMPERATURE (°C)
–50
–25
10
100
1000
025
50
75
100
125
1
ISINK = 2mA
ISINK = 1mA
ISINK = 100µA
ISINK = 10µA
ISINK = 1µA
NO LOAD
VS = 5V, 0V
RL = 5k TO GROUND
Undistorted Output Swing vs
Frequency
Output Impedance vs Frequency
FREQUENCY (Hz)
10
100
1k
1
0.1
10
100
10k
100k
1k
LT1101 • TPC18
G = 100
G = 10
LT1101 • TPC16
CAPACITIVE LOAD (nF)
0.1
0
80
100
120
110
100
60
40
20
VS = ± 2.0V TO
± 15V
TA = 25°C
G = 100
G = 10
Capacitive Load Handling
FREQUENCY (Hz)
0.1
0
20
40
60
80
120
1
10
100
1k
10k
100k
100
LT1101 • TPC10
VS = ± 15V
TA = 25°C
G = 10
G = 100
C = 82pF PIN 1 TO PIN 2
G = 100
SUPPLY VOLTAGE (V)
0
V –
V – 1
V + –3
V + –2
V + –1
±4
±8 ±10
±18
V – 2
±2
±6
±12 ±14 ±16
V +
LT1101 • TPC11
G = 100
G = 10
25°C
125°C
–55°C
125°C
–55°C
25°C
G = 100
G = 10
ALL
TEMPERATURES
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–10
0
10
–20
–30
–40
12
20
30
40
3
LT1101 • TPC15
TA = 125°C, VS = 5V, 0V
TA = 25°C, VS = ± 15V
TA = 5°C, VS = ± 15V
TA = 125°C, VS = ± 15V
TA = 125°C, VS = ± 15V
TA = 25°C, VS = 5V, 0V
LT1101 • TPC17
FREQUENCY (Hz)
100
1k
10k
100
0
20
10
30
5
4
3
2
1
0
VS = 5V, 0V,
RL ≥ 1k
VS = 5V, 0V, RL ≥ 100k
VS = ±15V
RL ≥ 30k
VS = ±15V
RL ≥ 100k
TA = 25°C
LOAD, RL, TO GROUND


Similar Part No. - LT1101_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
More results

Similar Description - LT1101_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com