Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1101CH Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1101CH
Description  Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1101CH Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1101CH Datasheet HTML 2Page - Linear Integrated Systems LT1101CH Datasheet HTML 3Page - Linear Integrated Systems LT1101CH Datasheet HTML 4Page - Linear Integrated Systems LT1101CH Datasheet HTML 5Page - Linear Integrated Systems LT1101CH Datasheet HTML 6Page - Linear Integrated Systems LT1101CH Datasheet HTML 7Page - Linear Integrated Systems LT1101CH Datasheet HTML 8Page - Linear Integrated Systems LT1101CH Datasheet HTML 9Page - Linear Integrated Systems LT1101CH Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1101
1101fa
LT1101AM/AI
LT1101M/I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GE
Gain Error
G = 100, V0 = 0.1V to 3.5V, RL = 50k
0.026
0.080
0.028
0.120
%
G = 10, VCM = 0.15, RL = 50k
0.011
0.070
0.014
0.100
%
TCGE
Gain Error Drift
RL = 50k (Note 2)
1
4
1
5
ppm/°C
GNL
Gain Nonlinearity
G = 100, RL = 50k
45
110
48
140
ppm
G = 10, RL = 50k (Note 2)
4
13
5
15
ppm
VOS
Input Offset Voltage
90
350
110
500
µV
LT1101ISW
110
950
µV
∆VOS/∆T Input Offset Voltage Drift
(Note 2)
0.4
2.0
0.5
2.8
µV/°C
LT1101ISW
0.5
4.8
µV/°C
lOS
Input Offset Current
0.16
0.80
0.19
1.30
nA
∆VOS/∆T Input Offset Current Drift
(Note 2)
0.5
4.0
0.8
7.0
pA/°C
IB
Input Bias Current
7
10
7
12
nA
∆IB/∆T
Input Bias Current Drift
(Note 2)
10
25
10
30
pA/°C
CMRR
Common Mode
G = 100, VCM = 0.1V to 3.2V
91
105
88
104
dB
Rejection Ratio
G = 10, VCM = 0.1V to 2.9V, VREF = 0.15V
80
98
77
97
dB
IS
Supply Current
88
135
92
160
µA
V0
Maximum 0utput
Output High, 50k to GND
3.8
4.1
3.8
4.1
V
Voltage Swing
Output High, 2k to GND
3.0
3.7
3.0
3.7
V
Output Low, VREF = 0, No Load
4.5
8
4.5
8
mV
Output Low, VREF = 0, 2k to GND
0.7
1.5
0.7
1.5
mV
Output Low, VREF = 0, ISINK = 100µA
125
170
125
170
mV
VS = 5V, 0V, VCM = 0.1V, VREF(PIN 1) = 0.1V, Gain = 10 or 100,
–40°C ≤ TA ≤ 85°C for AI/I grades, unless otherwise noted (Note 4).
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1101CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101CH LINER-LT1101CH Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
More results

Similar Description - LT1101CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LT1102 LINER-LT1102_07 Datasheet
183Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
LT1102 LINER-LT1102 Datasheet
568Kb / 8P
   High Speed, Precision, JFET Input Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com