Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1112IS8 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1112IS8
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1112IS8 Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1112IS8 Datasheet HTML 1Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 2Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 3Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 4Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 5Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 6Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 7Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 8Page - Linear Integrated Systems LT1112IS8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1112/LT1114
111214fb
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
20
60
25
75
µV
VS = ±1.0V
40
110
45
130
µV
∆VOS
Long Term Input Offset
0.3
0.3
µV/Mo
∆Time
Voltage Stability
IOS
Input Offset Current
50
180
60
230
pA
LT1114S/LT1114IS
75
330
pA
IB
Input Bias Current
±70
±250
±80
±280
pA
LT1114S/LT1114IS
±100
±450
pA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 10)
0.3
0.9
0.3
0.9
µVP-P
Input Noise Voltage Density
fO = 10Hz (Note 10)
16
28
16
28
nV/
√Hz
fO = 1000Hz (Note 10)
14
18
14
18
nV/
√Hz
in
Input Noise Current
0.1Hz to 10Hz
2.2
2.2
pAP-P
Input Noise Current Density
fO = 10Hz
0.030
0.030
pA/
√Hz
fO = 1000Hz
0.008
0.008
pA/
√Hz
VCM
Input Voltage Range
±13.5 ±14.3
±13.5 ±14.3
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
120
136
115
136
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.0V to ±20V
116
126
114
126
dB
Minimum Supply Voltage
(Note 5)
±1.0
±1.0
V
RIN
Input Resistance
Differential Mode
(Note 4)
20
50
15
40
M
Common Mode
800
700
G
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
1000
5000
800
5000
V/mV
VO = ±10V, RL = 2kΩ
800
1500
600
1300
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
±13.0 ±14.0
±13.0 ±14.0
V
RL = 2kΩ
±11.0 ±12.4
±11.0 ±12.4
V
SR
Slew Rate
0.16
0.30
0.16
0.30
V/
µs
GBW
Gain-Bandwidth Product
fO = 10kHz
450
750
450
750
kHz
IS
Supply Current per Amplifier
350
400
350
450
µA
VS = ±1.0V
320
370
320
420
µA
Channel Separation
fO = 10Hz
150
150
dB
∆VOS
Offset Voltage Match
(Note 6)
35
100
40
130
µV
∆IB+
Noninverting Bias Current Match
100
450
100
500
pA
(Notes 6, 7)
LT1114S/LT1114IS
120
680
pA
∆CMRR
Common Mode Rejection Match
(Notes 6, 8)
117
136
113
136
dB
∆PSRR
Power Supply Rejection Match
(Notes 6, 8)
114
130
112
130
dB
VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1112AM/AC
LT1114AM/AC
LT1112M/C/I
LT1114M/C/I
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1112IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1112 LINER-LT1112 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1112 LINER-LT1112 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112 Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
More results

Similar Description - LT1112IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com