Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014DSW Datasheet(PDF) 10 Page - Linear Technology

Part # LT1014DSW
Description  Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014DSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1014DSW Datasheet HTML 6Page - Linear Technology LT1014DSW Datasheet HTML 7Page - Linear Technology LT1014DSW Datasheet HTML 8Page - Linear Technology LT1014DSW Datasheet HTML 9Page - Linear Technology LT1014DSW Datasheet HTML 10Page - Linear Technology LT1014DSW Datasheet HTML 11Page - Linear Technology LT1014DSW Datasheet HTML 12Page - Linear Technology LT1014DSW Datasheet HTML 13Page - Linear Technology LT1014DSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LT1013/LT1014
10134fc
Low Supply Operation
The minimum supply voltage for proper operation of the
LT1013/LT1014 is 3.4V (three Ni-Cad batteries). Typical
supply current at this voltage is 290
μA, therefore power
dissipation is only one milliwatt per amplifier.
Noise Testing
For applications information on noise testing and calcula-
tions, please see the LT1007 or LT1008 data sheet.
Test Circuit for Offset Voltage and
Offset Drift with Temperature
LT1013
OR LT1014
LT1013/14 F06
+15V
–15V
100
Ω*
50k*
50k*
VO
RESISTOR MUST HAVE LOW
THERMOELECTRIC POTENTIAL.
THIS CIRCUIT IS ALSO USED AS THE BURN-IN
CONFIGURATION, WITH SUPPLY VOLTAGES
INCREASED TO
±20V.
VO = 1000VOS
*
**
50MHz Thermal rms to DC Converter
+
LT1014
LT1014
8
10
9
7
4
11
6
5
0V–4V
OUTPUT
10k*
10k*
10k*
10k*
10k
10k*
20k
FULL-
SCALE
TRIM
+5V
LT1014
14
13
12
10k*
100k*
0.01
0.01
LT1014
1
2
3
100k*
0.01
300
Ω*
30k*
1
μF
1
μF
10k
10k
T1A
T1B
T2B
T2A
BRN
RED
RED
GRN
GRN
BRN
INPUT
300mV–
10VRMS
+5V
2% ACCURACY, DC–50MHz.
100:1 CREST FACTOR CAPABILITY.
0.1% RESISTOR.
T1–T2 = YELLOW SPRINGS INST. CO. THERMISTOR COMPOSITE #44018.
ENCLOSE T1 AND T2 IN STYROFOAM.
7.5mW DISSIPATION.
*
30k*
1013/14 TA03
+
1/2 LT1013
8
4
7
5
6
+5V
OUTPUT A
R2
R1
1
μF
1
μF
5
2
3
15
6
18
+INPUT
–INPUT
+
1/2 LT1013
1
3
2
OUTPUT B
R2
R1
1
μF
8
11
12
14
7
13
+INPUT
–INPUT
1/2 LTC1043
1/2 LTC1043
16
0.01
OFFSET = 150
μV
GAIN =
+ 1.
CMRR = 120dB.
COMMON-MODE RANGE IS 0V TO 5V.
R2
R1
1
μF
1013/14 TA04
5V Single Supply Dual Instrumentation Amplifier
TYPICAL APPLICATIO S
APPLICATIO S I FOR ATIO


Similar Part No. - LT1014DSW

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
LT1014DSW LINEAR-LT1014DSW Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014DSW

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
   Quad Precision Op Amp
LT1013 LINER-LT1013_15 Datasheet
519Kb / 26P
   Dual Precision Op Amp
LT1413 LINER-LT1413 Datasheet
272Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Linear Technology
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1413 LINER-LT1413_15 Datasheet
253Kb / 8P
   Single Supply, Dual Precision Op Amp
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com