Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129IQ-5 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT1129IQ-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129IQ-5 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT1129IQ-5 Datasheet HTML 6Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 7Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 8Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 9Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 10Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 11Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 12Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 13Page - Linear Integrated Systems LT1129IQ-5 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1129/LT1129-3.3/LT1129-5
112935fc
Thermal Considerations
The power handling capability of the device will be limited
by the maximum rated junction temperature (125°C). The
power dissipated by the device will be made up of two
components:
1. Output current multiplied by the input/output voltage
differential: IOUT • (VIN – VOUT), and
2. Ground pin current multiplied by the input voltage:
IGND • VIN.
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics. Power dissipation will be equal to the sum
of the two components listed above.
The LT1129 series regulators have internal thermal limit-
ing designed to protect the device during overload condi-
tions. For continuous normal load conditions the maxi-
mum junction temperature rating of 125°C must not be
exceeded. It is important to give careful consideration to
all sources of thermal resistance from junction to ambient.
Additional heat sources mounted nearby must also be
considered.
For surface mount devices heat sinking is accomplished
by using the heat spreading capabilities of the PC board
and its copper traces. Experiments have shown that the
heat spreading copper layer does not need to be electri-
cally connected to the tab of the device. The PC material
can be very effective at transmitting heat between the pad
area, attached to the tab of the device, and a ground or
power plane layer either inside or on the opposite side of
the board. Although the actual thermal resistance of the PC
material is high, the length/area ratio of the thermal
resistor between layers is small. Copper board stiffeners
and plated through holes can also be used to spread the
heat generated by power devices.
The following tables list thermal resistances for each
package. For the TO-220 package, thermal resistance is
given for junction-to-case only since this package is
usually mounted to a heat sink. Measured values of
thermal resistance for several different board sizes and
copper areas are listed for each package. All measure-
ments were taken in still air on 3/32" FR-4 board with 1-oz
copper. This data can be used as a rough guideline in
estimating thermal resistance. The thermal resistance for
each application will be affected by thermal interactions
with other components as well as board size and shape.
Some experimentation will be necessary to determine the
actual value.
Table 1. Q Package, 5-Lead DD
COPPER AREA
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
25°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
27°C/W
125 sq. mm
2500 sq. mm
2500 sq. mm
35°C/W
* Tab of device attached to topside copper
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
Table 2. ST Package, 3-Lead SOT-223
COPPER AREA
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
45°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
45°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
53°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
59°C/W
* Tab of device attached to topside copper
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
Table 3. S8 Package, 8-Lead Plastic SOIC
COPPER AREA
TOPSIDE*
BACKSIDE
BOARD AREA
2500 sq. mm 2500 sq. mm
2500 sq. mm
55°C/W
1000 sq. mm 2500 sq. mm
2500 sq. mm
55°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
63°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
69°C/W
* Device attached to topside copper
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
T Package, 5-Lead TO-220
Thermal Resistance (Junction-to-Case) = 5°C/W
APPLICATIO S I FOR ATIO


Similar Part No. - LT1129IQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IQ-5 LINER-LT1129IQ-5 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129IQ-5 LINER-LT1129IQ-5 Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129IQ-5 LINER-LT1129IQ-5 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129IQ-5 LINER-LT1129IQ-5 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129IQ-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com