Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1178IN8 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1178IN8
Description  17uA Max, Dual and Quad, Single Supply, Precision Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1178IN8 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1178IN8 Datasheet HTML 1Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 2Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 3Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 4Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 5Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 6Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 7Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 8Page - Linear Integrated Systems LT1178IN8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1178/LT1179
4
11789fb
ELECTRICAL CHARACTERISTICS
LT1178I/LT1179I
LT1178SW/LT1179SW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
LT1178
80
315
120
650
µV
LT1179
80
345
130
800
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
0.6
3.0
0.8
4.5
µV/°C
IOS
Input Offset Current
0.07
0.7
0.06
0.50
nA
IB
Input Bias Current
48
37
nA
CMRR
Common Mode Rejection
VCM = 0.05V to 3.2V I grade
84
98
86
100
dB
Ratio
VCM = 0V to 3.4V S grade
PSRR
Power Supply Rejection
VS = 3.0V to 12V I grade
86
100
88
102
dB
Ratio
VS = 2.5V to 12V S grade
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 4)
55
350
80
500
V/mV
VO = 0.05V to 3.5V, RL = 50k
35
130
45
160
V/mV
Maximum Output Voltage
Output Low, No Load
913
8
11
mV
Swing
Output Low, ISINK = 100µA
160
220
140
190
mV
Output High, No Load
3.9
4.2
4.1
4.3
V
Output High, 2k to GND
3.0
3.7
3.3
3.8
V
IS
Supply Current per Amplifier
15
27
15
24
µA
The denotes specifications which apply over the full operating
temperature range of –40°C ≤ TA ≤ 85°C for I grades, 0°C ≤ TA ≤ 70°C for SW grades, VS = 5V, 0V; VCM = 0.1V, VO = 1.4V, unless
noted. (Note 7)
LT1178AC/LT1179AC
LT1178C/S8/LT1179C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
lnput Offset Voltage
LT1178
50
170
65
250
µV
LT1178S8
85
350
µV
LT1179
60
200
70
290
µV
∆VOS/∆T
Input Offset Voltage Drift
(Note 6)
0.5
2.2
0.6
3.0
µV/°C
LT1178S8
0.6
3.5
µV/°C
IOS
Input Offset Current
0.06
0.35
0.06
0.50
nA
IB
Input Bias Current
36
37
nA
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.4V
90
101
86
100
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12V
90
102
88
102
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 4V, No Load (Note 4)
105
500
80
500
V/mV
VO = 0.05V to 3.5V, RL = 50k
55
160
45
160
V/mV
Maximum Output Voltage
Output Low, No Load
811
8
11
mV
Swing
Output Low, ISINK = 100µA
140
190
140
190
mV
Output High, No Load
4.1
4.3
4.1
4.3
V
Output High, 2k to GND
3.3
3.8
3.3
3.8
V
IS
Supply Current per Amplifier
14
21
15
24
µA
The denotes specifications which apply over the full operating temperature range of 0°C ≤ TA ≤ 70°C, VS = 5V, 0V, VCM = 0.1V,
VO = 1.4V, unless noted.


Similar Part No. - LT1178IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1178IN LINER-LT1178IN Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1178IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1178 LINER-LT1178 Datasheet
587Kb / 8P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178 Datasheet
305Kb / 12P
   17uA Max, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
   17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT2178 LINER-LT2178_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1178 LINER-LT1178_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1179 LINER-LT1179_15 Datasheet
246Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com