Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C51C-70T Datasheet(PDF) 7 Page - STMicroelectronics

Part # WS57C51C-70T
Description  HIGH SPEED 16K x 8 CMOS PROM/RPROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C51C-70T Datasheet(HTML) 7 Page - STMicroelectronics

  WS57C51C-70T Datasheet HTML 1Page - STMicroelectronics WS57C51C-70T Datasheet HTML 2Page - STMicroelectronics WS57C51C-70T Datasheet HTML 3Page - STMicroelectronics WS57C51C-70T Datasheet HTML 4Page - STMicroelectronics WS57C51C-70T Datasheet HTML 5Page - STMicroelectronics WS57C51C-70T Datasheet HTML 6Page - STMicroelectronics WS57C51C-70T Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ORDERING INFORMATION
OPERATING
WSI
PART NUMBER
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS57C51C-35D
35
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C51C-35T
35
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C51C-35TI
35
28 Pin CERDIP, 0.3"
T2
Industrial
Standard
WS57C51C-45CMB
45
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS57C51C-45D
45
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C51C-45DMB
45
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS57C51C-45J
45
32 Pin PLDCC
J4
Comm’l
Standard
WS57C51C-45JI
45
32 Pin PLDCC
J4
Industrial
Standard
WS57C51C-45L
45
32 Pin CLDCC
L3
Comm’l
Standard
WS57C51C-45T
45
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C51C-45TI
45
28 Pin CERDIP, 0.3"
T2
Industrial
Standard
WS57C51C-45TMB
45
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS57C51C-55CMB
55
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS57C51C-55D
55
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C51C-55DMB
55
28 Pin CERDIP, 0.6"
D2
Military
MIL-STD-883C
WS57C51C-55J
55
32 Pin PLDCC
J4
Comm’l
Standard
WS57C51C-55JI
55
32 Pin PLDCC
J4
Industrial
Standard
WS57C51C-55L
55
32 Pin CLDCC
L3
Comm’l
Standard
WS57C51C-55T
55
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
WS57C51C-55TI
55
28 Pin CERDIP, 0.3"
T2
Industrial
Standard
WS57C51C-55TMB
55
28 Pin CERDIP, 0.3"
T2
Military
MIL-STD-883C
WS57C51C-70D
70
28 Pin CERDIP, 0.6"
D2
Comm’l
Standard
WS57C51C-70T
70
28 Pin CERDIP, 0.3"
T2
Comm’l
Standard
2-53
SPEED
PACKAGE
PACKAGE
(ns)
TYPE
DRAWING
WS57C51C
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS57C51C is programmed using Algorithm D shown on page 5-9.
NOTES: 8. The actual part marking will not include the initials "WS."
Return to Main Menu


Similar Part No. - WS57C51C-70T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C51C-70 STMICROELECTRONICS-WS57C51C-70 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C51C-70T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
   HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
   HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
   HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
   HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
   MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
   MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
   HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com