Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1129I3 Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # 1129I3
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

1129I3 Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button 1129I3 Datasheet HTML 5Page - Linear Integrated Systems 1129I3 Datasheet HTML 6Page - Linear Integrated Systems 1129I3 Datasheet HTML 7Page - Linear Integrated Systems 1129I3 Datasheet HTML 8Page - Linear Integrated Systems 1129I3 Datasheet HTML 9Page - Linear Integrated Systems 1129I3 Datasheet HTML 10Page - Linear Integrated Systems 1129I3 Datasheet HTML 11Page - Linear Integrated Systems 1129I3 Datasheet HTML 12Page - Linear Integrated Systems 1129I3 Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1129/LT1129-3.3/LT1129-5
112935fc
The LT1129 is a micropower low dropout regulator with
shutdown, capable of supplying 700mA of output current
at a dropout voltage of 0.4V. The device operates with very
low quiescent current (50µA). In shutdown the quiescent
current drops to only 16µA. In addition to the low quies-
cent current the LT1129 incorporates several protection
features which make it ideal for use in battery-powered
systems. The device is protected against reverse input
voltages. In battery backup applications where the output
can be held up by a backup battery when the input is pulled
to ground, the LT1129 acts like it has a diode in series with
its output and prevents reverse current flow.
Adjustable Operation
The adjustable version of the LT1129 has an output
voltage range of 3.75V to 30V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output voltage to maintain the voltage at
the adjust pin at 3.75V. The current in R1 is then equal to
3.75V/R1. The current in R2 is equal to the sum of the
current in R1 and the adjust pin bias current. The adjust pin
bias current, 150nA at 25°C, flows through R2 into the
adjust pin. The output voltage can be calculated according
to the formula in Figure 2. The value of R1 should be less
than 400k to minimize errors in the output voltage caused
by the adjust pin bias current. Note that in shutdown the
output is turned off and the divider current will be zero.
Curves of Adjust Pin Voltage vs Temperature and Adjust
Pin Bias Current vs Temperature appear in the Typical
Performance Characteristics. The reference voltage at the
adjust pin has a positive temperature coefficient of ap-
proximately 15ppm/°C. The adjust pin bias current has a
negative temperature coefficient. These effects are small
and will tend to cancel each other.
The adjustable device is specified with the adjust pin tied
to the output pin. This sets the output voltage to 3.75V.
Specifications for output voltages greater than 3.75V will
be proportional to the ratio of the desired output voltage to
3.75V (VOUT/3.75V). For example: load regulation for an
output current change of 1mA to 700mA is – 6mV typical
at VOUT = 3.75V. At VOUT = 12V, load regulation would be:
12
375
619
V
V
mV
mV
.
––
⎟ •
() = ()
IN
LT1129
GND
SHDN
LT1129 • F02
ADJ
OUT
R2
R1
VOUT = 3.75V 1 +
+ IADJ • R2
VADJ = 3.75V
IADJ = 150nA at 25°C
OUTPUT RANGE = 3.75V to 30V
R2
R1
() ()
VOUT
+
Figure 2. Adjustable Operation
Figure 1. Kelvin Sense Connection
IN
LT1129
GND
SHDN
LT1129 • F01
SENSE
OUT
RP
1µF
LOAD
10µF
RP
+
PI FU CTIO S
APPLICATIO S I FOR ATIO
Adjust Pin: For the LT1129 (adjustable version) the adjust
pin is the input to the error amplifier. This pin is internally
clamped to 6V and – 0.6V (one VBE). This pin has a bias
current of 150nA which flows into the pin. See Bias Current
curve in the Typical Performance Characteristics. The
adjust pin reference voltage is equal to 3.75V referenced
to ground.


Similar Part No. - 1129I3

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
1129-1-G HELLERMANNTYTON-1129-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
1129-4-GP HELLERMANNTYTON-1129-4-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Amphenol Corporation
1129-4004 AMPHENOL-1129-4004 Datasheet
99Kb / 1P
   SMA JACK TO JACK (NON-MAGNETIC) BULKHEAD ADAPTER
logo
Amphenol SV Microwave
1129-4006 SVMICROWAVE-1129-4006 Datasheet
89Kb / 1P
   SMA PLUG TO JACK (NON-MAGNETIC) ADAPTER
10/22
logo
RAF ELECTRONIC HARDWARE
1129-6-AL RAF-1129-6-AL Datasheet
56Kb / 1P
   1/4 ROUND SPACERS
More results

Similar Description - 1129I3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com