Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1129CT Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1129CT
Description  Micropower Low Dropout Regulators with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1129CT Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1129CT Datasheet HTML 1Page - Linear Integrated Systems LT1129CT Datasheet HTML 2Page - Linear Integrated Systems LT1129CT Datasheet HTML 3Page - Linear Integrated Systems LT1129CT Datasheet HTML 4Page - Linear Integrated Systems LT1129CT Datasheet HTML 5Page - Linear Integrated Systems LT1129CT Datasheet HTML 6Page - Linear Integrated Systems LT1129CT Datasheet HTML 7Page - Linear Integrated Systems LT1129CT Datasheet HTML 8Page - Linear Integrated Systems LT1129CT Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1129/LT1129-3.3/LT1129-5
112935fc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
LT1129-3.3
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
3.250
3.300
3.350
V
(Notes 4, 12)
4.3V < VIN < 20V, 1mA < IOUT < 700mA
3.200
3.300
3.400
V
LT1129-5
VIN = 5.5V, IOUT = 1mA, TJ = 25°C
4.925
5.000
5.075
V
6V < VIN < 20V, 1mA < IOUT < 700mA
4.850
5.000
5.150
V
LT1129 (Note 5)
VIN = 4.3V, IOUT = 1mA, TJ = 25°C
3.695
3.750
3.805
V
4.8V < VIN < 20V, 1mA < IOUT < 700mA
3.640
3.750
3.860
V
Line Regulation (Note 12)
LT1129-3.3
∆VIN = 4.8V to 20V, IOUT = 1mA
1.5
10
mV
LT1129-5
∆VIN = 5.5V to 20V, IOUT = 1mA
1.5
10
mV
LT1129 (Note 5)
∆VIN = 4.3V to 20V, IOUT = 1mA
1.5
10
mV
Load Regulation (Note 12)
LT1129-3.3
∆ILOAD = 1mA to 700mA, TJ = 25°C6
20
mV
∆ILOAD = 1mA to 700mA
15
30
mV
LT1129-5
∆ILOAD = 1mA to 700mA, TJ = 25°C6
20
mV
∆ILOAD = 1mA to 700mA
20
30
mV
LT1129 (Note 5)
∆ILOAD = 1mA to 700mA, TJ = 25°C6
20
mV
∆ILOAD = 1mA to 700mA
15
30
mV
Dropout Voltage
ILOAD = 10mA, TJ = 25°C
0.13
0.20
V
(Note 6)
ILOAD = 10mA
0.25
V
ILOAD = 100mA, TJ = 25°C
0.25
0.35
V
ILOAD = 100mA
0.45
V
ILOAD = 500mA, TJ = 25°C
0.37
0.45
V
ILOAD = 500mA
0.60
V
ILOAD = 700mA, TJ = 25°C
0.45
0.55
V
ILOAD = 700mA
0.70
V
Ground Pin Current
ILOAD = 0mA
50
70
µA
(Note 7)
ILOAD = 10mA
310
450
µA
ILOAD = 100mA
2.0
3.5
mA
ILOAD = 300mA
10
20
mA
ILOAD = 500mA
25
45
mA
ILOAD = 700mA
50
90
mA
Adjust Pin Bias Current (Notes 5, 8)
TJ = 25°C
150
300
nA
Shutdown Threshold
VOUT = Off to On
1.2
2.8
V
VOUT = On to Off
0.25
0.75
V
Shutdown Pin Current (Note 9)
VSHDN = 0V
610
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
15
25
µA
(Note 10)
Ripple Rejection
VIN – VOUT = 1V (Avg), VRIPPLE = 0.5VP-P,52
64
dB
fRIPPLE = 120Hz, ILOAD = 0.7A, TJ = 25°C
Current Limit
VIN – VOUT = 7V, TJ = 25°C
1.2
1.6
A
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
1.0
mA
Reverse Output Current (Note 11)
LT1129-3.3
VOUT = 3.3V, VIN = 0V
16
25
µA
LT1129-5
VOUT = 5V, VIN = 0V
16
25
µA
LT1129 (Note 5)
VOUT = 3.8V, VIN = 0V
16
25
µA
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LT1129CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129CT LINER-LT1129CT Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CT LINER-LT1129CT Datasheet
160Kb / 16P
   400mV Dropout Voltage
LT1129CT LINER-LT1129CT Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CT LINER-LT1129CT Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129CT-3.3 LINER-LT1129CT-3.3 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1129CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com