Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L703 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # L703
Description  CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

L703 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  L703 Datasheet HTML 1Page - Connor-Winfield Corporation L703 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
TABLE 7.0
Pin
Function
1
Enable / Disable
2
N/C
3
Ground (Case)
4
Output Q
5
Comp Output Q
6
Vcc
TABLE 8.0
Enable / Disable Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
.070
(1.8mm)
CW L703
333M
0538
MAX
MAX
MAX
0
7
E/D
N/C
2
100
ohm
100
ohm
Vod
Vod
Q
Q
Q
Q
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Pin Connection
Enable / Disable Function
Package Outline and Dimensions
Suggested Pad Layout
Output Waveform
Test Circuit
Solder Profile
Ds022
1
2
01
05/18/06


Similar Part No. - L703

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L70 QUECTEL-L70 Datasheet
1Mb / 2P
   Compact GPS Module Ultra Low Consumption Fast Positioning
logo
Rosenberger Hochfrequen...
L70-278-140 ROSENBERGER-L70-278-140 Datasheet
497Kb / 1P
   Cable assembly
L70-279-140 ROSENBERGER-L70-279-140 Datasheet
497Kb / 1P
   Cable assembly
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
   Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
   Cable assembly
More results

Similar Description - L703

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L753 CONNOR-WINFIELD-L753 Datasheet
158Kb / 2P
   HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P721 CONNOR-WINFIELD-P721 Datasheet
182Kb / 2P
   5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X533 CONNOR-WINFIELD-X533 Datasheet
181Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X504 CONNOR-WINFIELD-X504 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com