Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L703-333M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # L703-333M
Description  CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

L703-333M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  L703-333M Datasheet HTML 1Page - Connor-Winfield Corporation L703-333M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
HTTP://WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor Winfield L703 is a
Fixed Frequency, Surface Mount
Crystal Controlled Oscillator (XO)
designed for applications
requiring low jitter and a
±100ppm, 0 to 85°C overall
overall frequency tolerance, LVDS
Differential Outputs and Tri-state
Enable / Disable function. The
L703 is designed using a 2X or
4X PLL multiplication to achieve
the high output frequencies.
1
2
L703
- 333MHz
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVDS DIFFERENTIAL OUTPUTS
ENABLE / DISABLE
LOW JITTER <3pS RMS
OVERALL FREQUENCY TOLERANCE
±100ppm
TEMPERATURE RANGE: 0 to 85°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT
CERAMIC SURFACE MOUNT
3.3V LVDS 5x7.0mm
HIGH FREQUENCY CLOCK OSCILLATOR
L703
Ds022
01
05/18/06
ABSOLU TE MAX IMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
(Vcc)
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
200
-
800
MHz
Total Frequency Tolerance
-100
-
100
ppm
1
Operating Temperature Range
0
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
10
ps rms
Jitter (BW=12kHz to 80MHz)
-
-
3
ps rms
SSB Phase Noise at 10Hz offset
-
-75
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-95
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-120
-
dBc/Hz
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
0.3Vcc
Vdc
2
Enable Input Voltage (High)
(Vih)
0.7Vcc
-
-
Vdc
2
LVDS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
100
Ohms
3
Output Differential Voltage
(Vod)
250
-
450
mV
Duty Cycle at 50% Level
45
50
55
%
4
Rise / Fall Time
-
0.6
1.0
nS
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package with grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 6.0
Solder Reflow
SMD product suitable for Convection Reflow soldering. Peak temperature
260
°C. Maximum time above 220°C, 60 seconds.
1.0
Notes Includes calibration @ 25°C, frequency stability vs. temperature, supply and load variations, shock,
vibration and 20 years aging.
2.0
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on
pad 1.
3.0
Vod measured with 100-ohm resistor between the true output and the complementary output.
4.0
Duty Cycle measured at 50% of output swing.


Similar Part No. - L703-333M

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L70 QUECTEL-L70 Datasheet
1Mb / 2P
   Compact GPS Module Ultra Low Consumption Fast Positioning
logo
Rosenberger Hochfrequen...
L70-278-140 ROSENBERGER-L70-278-140 Datasheet
497Kb / 1P
   Cable assembly
L70-279-140 ROSENBERGER-L70-279-140 Datasheet
497Kb / 1P
   Cable assembly
L70-280-140 ROSENBERGER-L70-280-140 Datasheet
496Kb / 1P
   Cable assembly
L70-281-140 ROSENBERGER-L70-281-140 Datasheet
498Kb / 1P
   Cable assembly
More results

Similar Description - L703-333M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L753 CONNOR-WINFIELD-L753 Datasheet
158Kb / 2P
   HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT
P752 CONNOR-WINFIELD-P752 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P721 CONNOR-WINFIELD-P721 Datasheet
182Kb / 2P
   5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL2520 RALTRON-CL2520 Datasheet
326Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
X502 CONNOR-WINFIELD-X502 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X533 CONNOR-WINFIELD-X533 Datasheet
181Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
X504 CONNOR-WINFIELD-X504 Datasheet
153Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVDS CLOCK OSCILLATOR
logo
Raltron Electronics Cor...
CL7050 RALTRON-CL7050 Datasheet
336Kb / 3P
   LVDS SURFACE MOUNT CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com