Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ42000M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ42000M
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ42000M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ42000M Datasheet HTML 1Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 2Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 3Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 4Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 5Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 6Page - Panasonic Semiconductor MAZ42000M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAZ4000 Series
SKE00004CED
4
MAZ4220
20.8
22
23.3
20.3
MAZ4220-L
20.8
21.3 21.86
15 0.05
20.3
60
20 5.5
0.5 180 16.4 18.4 20
34
60
Red
Red
MAZ4220-M
21.45
22
22.55
20.9
MAZ4220-H
22.1
22.7 23.24
21.6
MAZ4240
22.8
24
25.6
22.3
MAZ4240-L
22.8
23.3 23.97
17 0.05
22.3
60
25
70
0.5 180 18.4 20.4 22
33
55
Red
Yellow
MAZ4240-M
23.5
24
24.7
23
MAZ4240-H
24.35
25
25.6
23.8
Part number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
MAZ4270
25.1
27
28.9
24.8
MAZ42700L
25.3
26
26.7
19 0.05
24.8
60
25
80
0.5 200 21.4 23.4 25.3 30
50
Red
Purple
MAZ42700M
26.3
27
27.7
25.8
MAZ42700H
27.3
28
28.7
26.8
MAZ4300
28
30
32
27.8
MAZ43000L
28.3
29
29.7
21 0.05
27.8
60
30
80
0.5 200 24.4 26.6 29.4 27
50 Orange Black
MAZ43000M
29.3
30
30.8
28.8
MAZ43000H
30.2
31
31.8
29.7
MAZ4330
31
33
35
30.7
MAZ43300L
31.2
32
32.8
23 0.05
30.7
60
35
80
0.5 200 27.4 29.7 33.4 25
45 Orange Orange
MAZ43300M
32.2
33
33.8
31.7
MAZ43300H
33.2
34
34.9
32.7
MAZ4360
34
36
38
33.6
MAZ43600L
34.1
35
35.9
25 0.05
33.6
60
35
90
0.5 200 30.4 33 37.4 23
45 Orange Blue
MAZ43600M
35.1
36
36.9
34.6
MAZ43600H
36.1
37
37.9
35.6
MAZ4390
37
41
36
MAZ43900L
37.1
39
27 0.05
36
60
 130 0.5 250 33.4 36.4 41.2 21 45 Orange White
MAZ43900M
38
40
36
MAZ43900H
39
41
36
• V
Z = 27.0 V to 39.0 V (IZ = 2 mA)
Part number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 2 mA
VR
VR
IZ = 2 mA
IZ
IZ = 2 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
s Electrical characteristics within part numbers (continued) T
a = 25°C
• V
Z = 22.0 V to 24.0 V (IZ = 5 mA)
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking symbol
Color indication
Main body:
Yellowish green



Marking symbol
Color indication
Main body:
Yellowish green



Zener operating
resistance
Zener operating
resistance


Similar Part No. - MAZ42000M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ42000M PANASONIC-MAZ42000M Datasheet
107Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ42000M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com