Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFA5AB1BA-12.8M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OFA5AB1BA-12.8M
Description  14 PIN DIP 5.0V SINEWAVE OCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OFA5AB1BA-12.8M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OFA5AB1BA-12.8M Datasheet HTML 1Page - Connor-Winfield Corporation OFA5AB1BA-12.8M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
OFA5AB1BA is a hermetically
sealed 14 Pin DIP, 5.0V Oven
Stabilized Crystal Oscillator
(OCXO) with a Sinewave
output. The OFA5AB1BA is
designed for applications
requiring low jitter and tight
frequency stability.
1
2
OFA5AB1BA
- 12.8MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
5.0V OPERATION
OCXO
SINEWAVE OUTPUT
LOW JITTER <1pS RMS
FREQUENCY STABILITY:
0.25ppm ABSOLUTE
TOTAL FREQUENCY TOLERANCE:
±4.6ppm OVER TWENTY YEARS
TEMPERATURE RANGE:
0 to 70°C
HERMETICALLY SEALED
14 PIN DIP PACKAGE
RoHS COMPLIANT / LEAD FREE
14 PIN DIP 5.0V SINEWAVE OCXO
Cx117
00
12/29/06
OFA5AB1BA
CW
0650
OFA5AB1BA
12.8MHz
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
Control Voltage
(Vc)
-0.5
-
7.0
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
6.4
-
25
MHz
Frequency Calibration
-1.5
1.5
ppm
1, 4
Frequency Stability
-
-
0.25
ppm
2
Frequency vs. Change in Supply Voltage
-0.05
-
0.05
ppm
3
Aging (Daily
-30
-
30
ppb
4
Aging (20 years)
-2.5
-
2.5
ppm
Total Frequency Tolerance
-4.6
-
4.6
ppm
5
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Supply Current
(Icc)
-
-
300
mA
Steady State Supply Current @ 25°C
-
150
-
mA
Phase Jitter (BW =10KHz to Fo/2)
-
-
1
ps RMS
Phase Jitter (BW =10Hz to Fo/2)
-
-
3
ps RMS
Period Jitter
-
-
3
ps RMS
Start-Up Time: Oscillator
-
-
35
ms
Warm Up Time
-
-
5
Minutes
6
TDEV at 1.0 seconds
-
-
1
ns
TDEV at 4.0 seconds
-
-
2
ns
SINEWAVE OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
45
50
55
Ohms
Output Power
0
3
-
dBm
Spurious Output
-80
dBc
SSB Phase Noise at 1Hz offset
-
-60
-
dBc/Hz
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-120
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-140
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
PACKAGE CHARACTERISTICS
TABLE 4.0
Package
14 pin DIP, hermetically sealed, welded package.
Notes:
1) Initial calibration @ 25°C.
2) Frequency stability, absolute over th e temperature range of 0 to 70 °C.
3) Frequency stability per 5% change in supply voltage.
4) At the time of shipment after 48 hours of operation.
5) Inclusive of calibration, operating temperature ra nge, supply voltage change, shoc k and
vibration and aging (20 years).
6) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 m inutes of continuous operation at a stable 25°C.


Similar Part No. - OFA5AB1BA-12.8M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OFA5BB1BA CONNOR-WINFIELD-OFA5BB1BA Datasheet
141Kb / 2P
   SURFACE MOUNT 5.0V SINEWAVE OCXO
OFA5BB1BA-20M CONNOR-WINFIELD-OFA5BB1BA-20M Datasheet
141Kb / 2P
   SURFACE MOUNT 5.0V SINEWAVE OCXO
More results

Similar Description - OFA5AB1BA-12.8M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA5AB1BA CONNOR-WINFIELD-OVA5AB1BA Datasheet
151Kb / 2P
   14 PIN DIP 5.0V SINEWAVE OCVCXO
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
   14 pin DIP, 5.0 Volt, Sinewave, OCXO
XO5163 MTRONPTI-XO5163 Datasheet
219Kb / 1P
   14 pin DIP, 12.0 Volt, Sinewave, OCXO
logo
Connor-Winfield Corpora...
CGOV5S3 CONNOR-WINFIELD-CGOV5S3 Datasheet
211Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 OCXO
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 OCXO
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
DGOF5S3 CONNOR-WINFIELD-DGOF5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
DPS5 CONNOR-WINFIELD-DPS5 Datasheet
57Kb / 1P
   14 PIN DIP SINEWAVE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com