Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVA5AB1AA Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OVA5AB1AA
Description  14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OVA5AB1AA Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OVA5AB1AA Datasheet HTML 1Page - Connor-Winfield Corporation OVA5AB1AA Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
/WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
OVA5AB1AA is a hermetically
sealed 14 Pin DIP, 5.0V
Voltage Controlled Oven
Stabilized Crystal Oscillator
(OCVCXO) with a HCMOS /
TTL compatible output. The
OVA5AB1AA is designed for
a higher stability Stratum 3
application requiring low jitter
and tight frequency stability.
1
2
OVA5AB1AA - 10MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
5.0V OPERATION
LOW JITTER <3pS RMS
FREQUENCY STABILITY: ±0.25ppm
TEMPERATURE RANGE: 0 to 70°C
FREQUENCY TOLERANCE OF ±4.6ppm
OVER TWENTY YEARS
HERMETICALLY SEALED 14 PIN DIP
PACKAGE
RoHS COMPLIANT / LEAD FREE
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
Cx099
00
06/13/06
OVA5AB1AA
CW
0625
OVA5AB1AA
10MHz
ABSOLU TE MAX IMUM R ATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
Control Voltage
(Vc)
-0.5
-
7.0
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
10
-
20
MHz
Frequency Calibration
-1.5
1.5
ppm
1, 4
Frequency vs. change in Temperature
-0.25
-
0.25
ppm
2
Frequency vs. change in Supply Voltage
-0.05
-
0.05
ppm
3
Aging (Daily)
-30
-
30
ppb
4
Total Frequency Tolerance
-4.6
-
4.6
ppm
5
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.00
5.25
Vdc
Supply Current
(Icc)
-
-
300
mA
Jitter (BW=10Hz to 20MHz)
-
-
3
ps rms
Allan Variance (1 second)
-
5.00E-10
-
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
Start Up Time: Oscillator
-
-
10
mS
Warm Up Time
-
-
5
Minutes
6
TDEV @ 1.0 Sec.
-
-
1
ns
TDEV @ 4.0 Sec.
-
-
2
ns
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage Range
(Vc)
0.5
2.18
4.1
Vdc
Frequency at Vc=0.5 Vdc
-30
-
-18
ppm
7
Frequency at Vc=4.1 Vdc
18
-
30
ppm
7
Slope of Frequency Adjust
10.0
-
-
ppm/V
Input Impedance
100k
-
-
Ohm
HCMOS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
12
15
18
pf
Voltage
(High)
(Voh)
4.5
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
ns
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
14 pin DIP, hermetically sealed, grounded case, welded package
Notes:
1) Initial calibration @ 25°C, Vc=2.18V.
2) Frequency stability, 0 to 70°C, peak to peak.
3) Frequency stability per 5% change in s upply voltage.
4) At the time of shipment after 48 hours of operation.
5) Inclusive of operating temperature range, supp ly voltage change, load change, s hock and
vibration, 20 years aging, Vc=2.18V, initial calibration.
6) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 minut es of continuous operation at a stab le 25°C
7) Referenced to Fo @ 25°C, Positive Transfer Characteristic.


Similar Part No. - OVA5AB1AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVA5AB1BA ETC2-OVA5AB1BA Datasheet
151Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS
logo
Connor-Winfield Corpora...
OVA5AB1BA CONNOR-WINFIELD-OVA5AB1BA Datasheet
151Kb / 2P
   14 PIN DIP 5.0V SINEWAVE OCVCXO
OVA5AB1BA-10M CONNOR-WINFIELD-OVA5AB1BA-10M Datasheet
151Kb / 2P
   14 PIN DIP 5.0V SINEWAVE OCVCXO
logo
List of Unclassifed Man...
OVA5AB1BA-10MHZ ETC2-OVA5AB1BA-10MHZ Datasheet
151Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS
More results

Similar Description - OVA5AB1AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
CGOV3S3 CONNOR-WINFIELD-CGOV3S3 Datasheet
215Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO
EGOV3S3 CONNOR-WINFIELD-EGOV3S3 Datasheet
225Kb / 2P
   14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO
OVA5GA3AB CONNOR-WINFIELD-OVA5GA3AB Datasheet
188Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
EGOV5S3M CONNOR-WINFIELD-EGOV5S3M Datasheet
152Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
DGOF5S3 CONNOR-WINFIELD-DGOF5S3 Datasheet
216Kb / 2P
   14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com