Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1057CH Datasheet(PDF) 3 Page - Linear Technology

Part # LT1057CH
Description  Dual and Quad, JFET Input Precision High Speed Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1057CH Datasheet(HTML) 3 Page - Linear Technology

  LT1057CH Datasheet HTML 1Page - Linear Technology LT1057CH Datasheet HTML 2Page - Linear Technology LT1057CH Datasheet HTML 3Page - Linear Technology LT1057CH Datasheet HTML 4Page - Linear Technology LT1057CH Datasheet HTML 5Page - Linear Technology LT1057CH Datasheet HTML 6Page - Linear Technology LT1057CH Datasheet HTML 7Page - Linear Technology LT1057CH Datasheet HTML 8Page - Linear Technology LT1057CH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1057/LT1058
3
10578fc
ELECTRICAL CHARACTERISTICS V
S = ±15V, TA = 25°C, VCM = 0V unless otherwise noted. (Note 2)
SYMBOL PARAMETER
CONDITIONS
LT1057AM/LT1058AM
LT1057AC/LT1058AC
LT1057M/LT1058M
LT1057C/LT1058C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
LT1057
LT1057 (S8 Package)
LT1058
150
180
450
600
200
220
250
800
1200
1000
μV
μV
μV
lOS
Input Offset Current
Fully Warmed Up
3
40
4
50
pA
lB
Input Bias Current
Fully Warmed Up
±5
±50
±7
±75
pA
Input Resistance
Differential
Common Mode VCM = –11V to 8V
Common Mode VCM = 8V to 11V
1012
1012
1011
1012
1012
1011
Ω
Ω
Ω
Input Capacitance
4
4
pF
en
Input Noise Voltage
0.1Hz to 10Hz
LT1057
LT1058
2.0
2.4
2.1
2.5
μVP-P
μVP-P
en
Input Noise Voltage Density
fO = 10Hz
fO = 1kHz (Note 3)
26
13
22
28
14
24
nV/√Hz
nV/√Hz
in
Input Noise Current Density
fO = 10Hz, 1kHz (Note 4)
1.5
4
1.8
6
fA/√Hz
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
VO = ±10V, RL = 1k
150
120
350
250
100
80
300
220
V/mV
V/mV
Input Voltage Range
±10.5
14.3
–11.5
±10.5
14.3
–11.5
V
V
CMRR
Common Mode Rejection Ratio
,
LT1057
LT1058
86
84
100
98
82
80
98
96
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
88
103
86
102
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13
±12
±13
V
SR
Slew Rate
10
14
8
13
V/μs
GBW
Gain-Bandwidth Product
f = 1MHz (Note 6)
3.5
5
3
5
MHz
IS
Supply Current Per Amplifier
1.6
2.5
1.7
2.8
mA
Channel Separation
DC to 5kHz, VIN = ±10V
132
130
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1057
LT1058
0.3
0.35
2
2.5
mV
lOS
Input Offset Current
Fully Warmed Up
5
50
pA
lB
Input Bias Current
Fully Warmed Up
±10
±100
pA
Input Resistance –Differential
–Common Mode
VCM = –11V to 8V
VCM = 8V to 11V
0.4
0.4
0.05
Input Capacitance
4pF
en
Input Noise Voltage
0.1Hz to 10Hz
LT1057
LT1058
2.1
2.5
μVP-P
en
Input Noise Voltage Density
fO = 10Hz
fO = 1kHz
26
13
nV/√Hz
(LT1057/LT1058 SW Package Only), VS = ±15V, TA = 25°C, VCM = 0V unless otherwise noted.


Similar Part No. - LT1057CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057CH LINER-LT1057CH Datasheet
869Kb / 12P
   Dual and Quad, JFET Input Precision High Speed Op Amps
More results

Similar Description - LT1057CH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1057 LINER-LT1057 Datasheet
869Kb / 12P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_12 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057 LINER-LT1057_15 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1058 LINER-LT1058_15 Datasheet
337Kb / 16P
   Dual and Quad, JFET Input Precision High Speed Op Amps
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com