Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1073CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 4Page - Linear Technology LT1073CS8 Datasheet HTML 5Page - Linear Technology LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1073
8
microampere range, a leaky capacitor will noticeably de-
crease efficiency. In this type application tantalum capaci-
tors are the best choice, with typical leakage currents in the
1
µA to 5µA range.
Diode Selection
Speed, forward drop and leakage current are the three
main considerations in selecting a catch diode for LT1073
converters. “General-purpose” rectifiers such as the
1N4001 are
unsuitable for use in any switching regulator
application. Although they are rated at 1A, the switching
time of a 1N4001 is in the 10
µs to 50µs range. At best,
efficiency will be severely compromised when these
diodes are used and at worst, the circuit may not work at
all. Most LT1073 circuits will be well served by a 1N5818
Schottky diode. The combination of 500mV forward drop
at 1A current, fast turn-on and turn-off time and 4
µA to
10
µA leakage current fit nicely with LT1073 requirements.
At peak switch currents of 100mA or less, a 1N4148 signal
diode may be used. This diode has leakage current in the
1nA to 5nA range at 25
°C and lower cost than a 1N5818.
(You can also use them to get your circuit up and running,
but beware of destroying the diode at 1A switch currents.)
In situations where the load is intermittent and the LT1073
is idling most of the time, battery life can sometimes be
extended by using a silicon diode such as the 1N4933,
which can handle 1A but has leakage current of less than
1
µA. Efficiency will decrease somewhat compared to a
1N5818 while delivering power, but the lower idle current
may be more important.
Step-Up (Boost Mode) Operation
A step-up DC/DC converter delivers an output voltage
higher than the input voltage. Step-up converters are
not
short-circuit protected since there is a DC path from input
to output.
The usual step-up configuration for the LT1073 is shown
in Figure 6. The LT1073 first pulls SW1 low causing VIN-
VCESAT to appear across L1. A current then builds up in L1.
At the end of the switch ON time the current in L1 is2:
i
V
L
t
PEAK
IN
ON
=
APPLICATIO S I FOR ATIO
Figure 3. Aluminum
Figure 4. Tantalum
Figure 5. OS-CON
NOTE 2: This simple expression neglects the effect of switch and coil resistance. These are taken
into account in the “Inductor Selection” section.
Figure 6. Step-Up Mode Hookup.
(Refer to Table 1 for Component Values)
50mV/DIV
20
µs/DIV
50mV/DIV
20
µs/DIV
50mV/DIV
20
µs/DIV
Immediately after switch turn-off, the SW1 voltage pin
starts to rise because current cannot instantaneously stop
flowing in L1. When the voltage reaches VOUT + VD, the
inductor current flows through D1 into C1, increasing
VOUT. This action is repeated as needed by the LT1073 to
keep VFB at the internal reference voltage of 212mV. R1
and R2 set the output voltage according to the formula:
VIN
+
*= OPTIONAL
R3*
L1
D1
VOUT
R1
C1
R2
1073 F06
LT1073
ILIM
VIN
SW1
FB
SW2
GND


Similar Part No. - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1073CS8 LINER-LT1073CS8 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8-12 LINER-LT1073CS8-12 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8-5 LINER-LT1073CS8-5 Datasheet
1Mb / 19P
   Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results

Similar Description - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com