Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1077MH Datasheet(PDF) 7 Page - Linear Technology

Part # LT1077MH
Description  Micropower, Single Supply, Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1077MH Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1077MH Datasheet HTML 3Page - Linear Technology LT1077MH Datasheet HTML 4Page - Linear Technology LT1077MH Datasheet HTML 5Page - Linear Technology LT1077MH Datasheet HTML 6Page - Linear Technology LT1077MH Datasheet HTML 7Page - Linear Technology LT1077MH Datasheet HTML 8Page - Linear Technology LT1077MH Datasheet HTML 9Page - Linear Technology LT1077MH Datasheet HTML 10Page - Linear Technology LT1077MH Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1077
1077fa
TYPICAL PERFOR A CE CHARACTERISTICS
Voltage Gain vs Frequency
Large-Signal Transient
Response VS = 5V, 0V
Capacitive Load Handling
Large-Signal Transient
Response VS = ±15V
Gain, Phase vs Frequency
Slew Rate, Gain Bandwidth
Product and Phase Margin vs
Temperature
Small-Signal Transient Response
VS = ± 2.5V
Small-Signal Transient Response
VS = ±15V
Small-Signal Transient Response
VS = 5V, 0V
FREQUENCY (Hz)
0.01
60
100
1M
LT1077 • TPC10
20
–20
1
100
10k
0.1
10
1k
100k
140
40
80
0
120
TA = 25°C
VS = ±15V
VS = 5V, 0V
FREQUENCY (Hz)
10k
30k
–10
0
10
30
100
120
140
160
180
200
100k
300k
1M
LT1077 • TPC11
20
PHASE
MARGIN
66°
PHASE
MARGIN
54°
±15V
±15V
GAIN
5V, 0V
5V, 0V
PHASE
TA = 25°C
CL = 20pF
CAPACITIVE LOAD (pF)
10
0
80
100
120
100
1000
10,000
LT1077 • TPC12
60
40
20
VS = 5V, 0V
TA = 25°C
AV = 1
AV = 10
AV = 5
TEMPERATURE (°C)
–50
180
200
240
260
0.14
0.08
0
50
75
LT1077 • TPC13
220
0.10
0.12
0.06
70
80
60
50
40
–25
25
100
125
SLEW 5V, 0V
φM ±15V
GBW 5V, 0V
GBW ±15V
φM ±5V, 0V
SLEW ±15V
fO = 20kHz
50µs/DIV
0V
100µs/DIV
0V
10µs/DIV
10µs/DIV
AV = 1
CL = 15pF
INPUT 50mV TO 150mV
AV = 1
CL = 15pF
AV = 1
NO LOAD
INPUT PULSE 0V TO 3.8V
AV = 1
NO LOAD
0.1V
0V
10µs/DIV
AV = 1
CL = 15pF
0V


Similar Part No. - LT1077MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077MH LINER-LT1077MH Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
More results

Similar Description - LT1077MH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1077 LINER-LT1077 Datasheet
838Kb / 11P
   Micropower, Single Supply, Precision Op Amp
LT1077 LINER-LT1077_15 Datasheet
307Kb / 16P
   Micropower, Single Supply, Precision Op Amp
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
RH1078M LINER-RH1078M_12 Datasheet
253Kb / 2P
   RH1078M Micropower, Dual, Single-Supply Precision Op Amp
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
   Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
   Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
   Precision, Single Supply Op Amp
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
   Precision, Single Supply Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com