Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1070HVIT Datasheet(PDF) 10 Page - Linear Technology

Part # LT1070HVIT
Description  5A and 2.5A High Efficiency Switching Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070HVIT Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1070HVIT Datasheet HTML 4Page - Linear Technology LT1070HVIT Datasheet HTML 5Page - Linear Technology LT1070HVIT Datasheet HTML 6Page - Linear Technology LT1070HVIT Datasheet HTML 7Page - Linear Technology LT1070HVIT Datasheet HTML 8Page - Linear Technology LT1070HVIT Datasheet HTML 9Page - Linear Technology LT1070HVIT Datasheet HTML 10Page - Linear Technology LT1070HVIT Datasheet HTML 11Page - Linear Technology LT1070HVIT Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1070/LT1071
10701fe
TYPICAL APPLICATIONS (Note that maximum output currents are divided by 2 for the LT1071)
Current Boosted Boost Converter
+
R4
1070/71 TA11
R3
R2
1.24k
R1
27k
C2
C3
I
N
C1
VOUT
28V
4A
D2
D1
VSW
VC
VIN
LT1070
GND
VIN
16V TO 24V
FB
+
R1
27k
RO
(MINIMUM
LOAD)
R2
1.24k
1070/71 TA15
R3
3.3k
C2
0.22
µF
C3
10
µF
+
+
C1
1000
µF
+
C4*
470
µF
VIN
–15V
VOUT
–28V
1A
L1
200
µH
D2
D1
VSW
VC
VIN
LT1070
GND
FB
*REQUIRED IF INPUT LEADS
≥ 2"
+
R4
680
1W
1070/71 TA10
1
L1
N = 5
TOTAL
INDUCTANCE = 4mH
INTERLEAVE PRIMARY
AND SECONDARY FOR
LOW LEAKAGE
INDUCTANCE
R3
10k
R2
1.24k
R1
98k
C2
0.047
µF
C3
0.68
µF
C1
200
µF
VOUT
100V
300mA
D2
D1
VSW
VC
VIN
LT1070
GND
VIN
15V
FB
+
Voltage Boosted Boost Converter
Negative Boost Regulator
Negative Input/Negative Output Flyback Converter
+
R5
R4
1.24k
C2
VSW
Q1
2N3906
VIN
C3
C1
–VOUT
1070/71 TA17
R6
R1*
T1
1:N
LT1070/LT1071
GND
VC
FB
–VIN
R3
1k
R2
5k
+
*R1 =
VOUT – 1.6V
200
µA
External Current Limit
External Current Limit
1070/71 TA04
LT1070/LT1071
VC
GND
D1
VX
R1
500
R2
= 2V
1070/71 TA06
R2
VIN
R1
1k
C2
C1
1000pF
NOTE THAT THE LT1070/LT1071
GND PIN IS NO LONGER COMMON
TO VIN
VSW
VC
RS
VIN
LT1070/LT1071
GND
FB
+
Q1


Similar Part No. - LT1070HVIT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070HVIT LINER-LT1070HVIT Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
More results

Similar Description - LT1070HVIT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1270 LINER-LT1270_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com