Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P232-155.52 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # P232-155.52
Description  5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P232-155.52 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  P232-155.52 Datasheet HTML 1Page - Connor-Winfield Corporation P232-155.52 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Ec217
2of2
06
18 Apr 2008
Package Characteristics
Environmental Characteristics
Table 6.0
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature 260 C. Maximum time above 220 C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
1
Tape and Reel Specifications
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
LVPECL Output Waveform
Ordering Information
Package Outline
Solder Profile
Suggested Pad Layout
Pad Connections - Enable / Disable Function
Model Matrix
Notes
Notes
1)
Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 20 years
aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 1.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.
Example: P123-155.52M = LVPECL Clock, 0 to 70°C, +/-50ppm, 3.3Vdc @ 155.52 MHZ
Table 9.0
Frequency
Tolerance
±20ppm
Frequency
Tolerance
±25ppm
Frequency
Tolerance
±50ppm
Frequency
Tolerance
±100ppm
Supply
Voltage
Temperature
Range
P142
P112
P122
P132
2.5Vdc
0 to 70°C
P442
P412
P422
P432
2.5Vdc
-20 to 70°C
P342
P312
P322
P332
2.5Vdc
0 to 85°C
P242
P212
P222
P232
2.5Vdc
-40 to 85°C
P143
P113
P123
P133
3.3Vdc
0 to 70°C
P443
P413
P423
P433
3.3Vdc
-20 to 70°C
P343
P313
P323
P333
3.3Vdc
0 to 85°C
P243
P213
P223
P233
3.3Vdc
-40 to 85°C
Q
Q
50%
20%
80%
tr
Duty Cycle
tf
Test Circuit
R3
R1
R4
R2
Vcc
R1 / R3
R2 /R4
2.5V
250 Ohms
62.5Ohms
3.3V
130 Ohms
82 Ohms
E/D
N/C
1 2 3
6 5 4
CW 0745
P123
155.52M
0.059
(1.5mm)
0.275
(7.0mm)
0.197
(5.0mm)
3
Type:
LVPECL
Clock Series
5x7mm
Supply Voltage:
2 = 2.5Vdc.
3 = 3.3Vdc.
Temperature Range:
1=0to
2 = -40 to 85
3=0to85
4 = -20 to
70° C
°C
°C
70° C
Frequency Stability:
4 = +/-20
1 = +/-
2 = +/-50
3 = +/-100
ppm
25 ppm
ppm
ppm
P
1
2
155.52M
-
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Table 5.0
Package
Hermetically sealed ceramic package and metal cover.
Soldering Process
RoHS compliant, see solder profile on page 2.
Table 7.0
Pad
Connection
1
Enable / Disable
2N/C
3
Ground
4
Q Output
5
Q Output
6Vcc
Table 8.0
Enable / Disable
Function (Pad 1)
Output
High or Open
Enable
Low
Disable (High Impedance)


Similar Part No. - P232-155.52

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
P232-DEA20AR100K CMEDIA-P232-DEA20AR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P232-DEA20BR100K CMEDIA-P232-DEA20BR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P232-DEA20CR100K CMEDIA-P232-DEA20CR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P232-DEA22AR100K CMEDIA-P232-DEA22AR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P232-DEA22BR100K CMEDIA-P232-DEA22BR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
More results

Similar Description - P232-155.52

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
CWX823-012288M CONNOR-WINFIELD-CWX823-012288M Datasheet
98Kb / 2P
   5.0x7.0mm Surface Mount CMOS Clock Oscillator Series
X123-133.33M CONNOR-WINFIELD-X123-133.33M Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVCMOS Clock Oscillator Series
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
logo
MTRONPTI
M2702 MTRONPTI-M2702 Datasheet
581Kb / 5P
   SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
logo
Connor-Winfield Corpora...
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
X441 CONNOR-WINFIELD-X441 Datasheet
113Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
X403 CONNOR-WINFIELD-X403 Datasheet
164Kb / 2P
   3.3V SURFACE MOUNT 5.0 x 7.5mm LVPECL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com