Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P752-312.5M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # P752-312.5M
Description  CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

P752-312.5M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  P752-312.5M Datasheet HTML 1Page - Connor-Winfield Corporation P752-312.5M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Connor Winfield P752 is a
Fixed Frequency, Surface Mount
Crystal Controlled Oscillator (XO)
designed for applications
requiring low jitter and a
±100ppm, -40 to 85°C overall
stability, LVPECL Differential
Outputs and Tri-state Enable /
Disable function. The P752 is
designed using a 2X or 4X PLL
multiplication to achieve the high
frequency output.
P752
- 312.5MHz
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LVPECL DIFFERENTIAL OUTPUTS
ENABLE / DISABLE
LOW JITTER <2pS RMS
OVERALL FREQUENCY TOLERANCE
±100ppm
TEMPERATURE RANGE: -40 to 85°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT
CERAMIC SURFACE MOUNT
3.3V LVPECL 5x7.0mm
HIGH FREQUENCY CLOCK OSCILLATOR
P752
CRYSTAL CONTROLLED OSCILLATORS
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
1
2
Ec242
00
07/31/06
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
4.6
Vdc
Input Voltage
(Vcc)
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
250
-
800
MHz
Total Frequency Tolerance
-100
100
ppm
1
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
60
100
mA
Jitter (BW=10Hz to 20MHz)
-
-
8
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
2
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
Enable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
LVPECL OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
0.5
nS
Notes
1)
Includes calibration @ 25°C, frequency stability vs. temperature, supply and load variations, shock, vibration and 20
years aging.
2)
When the oscillator is disabled, the outputs are at High Impedance. Output is enabled with no connection on pad 1.
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 50% of output swing.
PACKAG E CHARACTERISTICS
TABLE 5.0
Package
Hermetically sealed ceramic package and metal cover.


Similar Part No. - P752-312.5M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P7520 ETC2-P7520 Datasheet
1Mb / 8P
   TriMode Probe Family
logo
TEKTRONIX, INC.
P7520A TEKTRONIX-P7520A Datasheet
686Kb / 12P
   TriMode??Probe Family
More results

Similar Description - P752-312.5M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
P702 CONNOR-WINFIELD-P702 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
P721 CONNOR-WINFIELD-P721 Datasheet
182Kb / 2P
   5x7.0mm SURFACE MOUNT 3.3V LVPECL HIGH FREQUENCY OSCILLATOR
L703 CONNOR-WINFIELD-L703 Datasheet
196Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVDS 5x7.0mm HIGH FREQUENCY CLOCK OSCILLATOR
L753 CONNOR-WINFIELD-L753 Datasheet
158Kb / 2P
   HIGH FREQUENCY CLOCK OSCILLATOR 3.3V LVDS 5x7.0mm CERAMIC SURFACE MOUNT
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
P731 CONNOR-WINFIELD-P731 Datasheet
198Kb / 2P
   3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
P124 CONNOR-WINFIELD-P124 Datasheet
214Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
P214 CONNOR-WINFIELD-P214 Datasheet
210Kb / 2P
   CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com