Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9515AA04ZR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9515AA04ZR
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515AA04ZR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9515AA04ZR Datasheet HTML 5Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 6Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 7Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 8Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 9Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 10Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 11Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 12Page - Torex Semiconductor XC9515AA04ZR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
XC9515
Series
■TYPICAL APPRICATION CIRCUIT
<Example of the External Components>
L1
:4.7μH(CDRH4D28C, SUMIDA)
L2
:4.7μH(CDRH4D28C, SUMIDA)
CIN1 :10μF(ceramic)
CIN2 :10μF(ceramic)
CL1
:10μF(ceramic)
CL2
:10μF(ceramic)
RUP :100kΩ
VIN
NC
NC
PVSS
1
NC
PVSS
2
VOUT
1
VOUT
2
MR
AVSS
Cd
VOUT1
CIN1
CL1
CIN2
MR
VDOUT
L1
L2
Cd
VOUT2
EN2
EN1
CL2
RUP


Similar Part No. - XC9515AA04ZR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515AA01ZR-G TOREX-XC9515AA01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515AA04ZR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com