Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0405ME1AA2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # Z0405ME1AA2
Description  4A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0405ME1AA2 Datasheet(HTML) 3 Page - STMicroelectronics

  Z0405ME1AA2 Datasheet HTML 1Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 2Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 3Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 4Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 5Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 6Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 7Page - STMicroelectronics Z0405ME1AA2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Z04
Characteristics
3/8
Figure 1.
Maximum power dissipation
versus RMS on-state current
(full cycle)
Figure 2.
RMS on-state current versus
ambient temperature (full cycle)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
7
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
T(RMS)
R
= 100°C/W
th(j-a)
R=
th(j-a)
Rth(j-l)
T
(°C)
amb
Figure 3.
Relative variation of thermal
impedance versus pulse
duration
Figure 4.
Relative variation of gate trigger
current, holding current and
latching current versus junction
temperature (typical values)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
I, I , I [T ] /
GTHL
j
I
, I , I [T =25°C]
GTHL
j
T (°C)
j
IGT
IH &IL
Figure 5.
Surge peak on-state current
versus number of cycles
Figure 6.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms and corresponding
value of I2t
1
10
100
1000
0
5
10
15
20
25
One cycle
t=20ms
I
(A)
TSM
Number of cycles
Non repetitive
T initial = 25°C
j
Repetitive
T
= 25°C
amb
0.01
0.10
1.00
10.00
1
10
100
500
t (ms)
p
I
(A), I t (A s)
TSM
22
It
2
dI/dt limitation:
20A/µs
T initial = 25°C
j
ITSM


Similar Part No. - Z0405ME1AA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405MB STMICROELECTRONICS-Z0405MB Datasheet
655Kb / 11P
   4 A - Triac in DPAK package
Rev 1 - September 2022
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
logo
Apollo Electron Co., Lt...
Z0405MF APOLLOELECTRON-Z0405MF Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
STMicroelectronics
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
90Kb / 8P
   Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
logo
HAOPIN MICROELECTRONICS...
Z0405MF HAOPIN-Z0405MF Datasheet
337Kb / 5P
   Blocking voltage to 600 V
More results

Similar Description - Z0405ME1AA2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com