Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2523 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2523
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2523 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2523 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-2523 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Figure 11. Required 1 MBd interface circuit
Figure 15. Guaranteed system performance for the HFBR-15X2/25X2 Link with
improved cable
Figure 14. Guaranteed system performance for the HFBR-15X2/25X2 Link with
standard cable
Figure 13. Guaranteed system performance for the HFBR-15X4/25X4 Link with
improved cable
Figure 12. Guaranteed system performance for the HFBR-15X4/25X4 Link with
standard cable
80
70
50
60
40
30
05
20
10
25
15
– CABLE LENGTH – METRES
100
90
20
HFBR-15X4/25X4
0°C–70°C
25°C
80
70
50
60
40
30
020
10
30
– CABLE LENGTH – METRES
100
90
20
HFBR-15X4/25X4
0°C–70°C
25°C
100
50
40
30
20
10
5
010
20
3040
50
– CABLE LENGTH – METRES
UNDERDRIVE
25°C
0°C–70°C
100
50
40
30
20
10
5
010
2030
40
50
– CABLE LENGTH – METRES
60
25°C
0°C–70°C
UNDERDRIVE
The HFBR-25X2 receiver can not be overdriven when using the required
interface circuit shown in Figure 11.


Similar Part No. - HFBR-2523

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2523 HP-HFBR-2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2523Z AVAGO-HFBR-2523Z Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-2523Z-00A AVAGO-HFBR-2523Z-00A Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-2523

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com