Electronic Components Datasheet Search |
|
PF154LF-010.0M Datasheet(PDF) 3 Page - Connor-Winfield Corporation |
|
PF154LF-010.0M Datasheet(HTML) 3 Page - Connor-Winfield Corporation |
3 / 4 page 2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation 3.3V LVCMOS Model Specifications 5.0V HCMOS Model Specifications Notes: 1.3) Initial calibration @ 25C. VCOCXO model Vc = 1.50 Vdc. 2.3) Frequency stability vs. Change in temperature, referenced to 25C. 3.3) Frequency stability per 5% change in supply voltage. 4.3) At the time of shipment after 48 hours of operation. 5.3) Inclusive of calibration, operating temperature range, supply voltage change, shock and vibration 20 years aging, VCOCXO models Vc=1.5V. 6.3) Typical phase noise, results will vary depending on center frequency. The phase noise shown are typical for 20 MHz. 7.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of continuous operation at a stable 25C. 8.3) VCOCXO models pullability referenced to Fo @ 25°C, Positive Transfer Characteristic. Bulletin Page Revision Date Cx123 3of4 01 25 Jun 2008 US Headquarters: 630-851-4722 European Headquarters: +353-61-472221 Notes: 9.3) Initial calibration @ 25C. VCOCXO model Vc = 2.0 Vdc. 10.3) Frequency stability vs. Change in temperature, referenced to 25C. 11.3) Frequency stability per 5% change in supply voltage. 12.3) At the time of shipment after 48 hours of operation. 13.3) Inclusive of calibration, operating temperature range, supply voltage change, shock and vibration 20 years aging, VCOCXO models Vc=2.0V. 14.3) Typical phase noise, results will vary depending on center frequency. The phase noise shown are typical for 20 MHz. 15.3) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of continuous operation at a stable 25C. 16.3) VCOCXO models pullability referenced to Fo @ 25°C, Positive Transfer Characteristic. ABSOLUTE MAXIMUM RATINGS TABLE 1.3 PARAMETER UNITS MINIMUM NOMINAL MAXIMUM UNITS NOTE Storage Temperature -55 - 125 °C Supply Voltage (Vcc) -0.5 - 4.5 Vdc Control Voltage (Vc) -0.5 - 4.5 Vdc OPERATING SPECIFICATIONS TABLE 2.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE Frequency Calibration -1.0 1.0 ppm 1.3, 4.3 Frequency Stability See Page 2 ppm 2.3 Frequency vs. Change in Supply Voltage -0.05 - 0.05 ppm 3.3 Aging (Daily) -30 - 30 ppb 4.3 Aging (1st year) -1.0 - 1.0 ppm Total Frequency Tolerance (20 years) -4.6 - 4.6 ppm 5.3 Supply Voltage (Vcc) 3.13 3.3 3.47 Vdc Supply Power (0 to 70°C) - - 1.5 Watts Supply Power (-40 to 85°C) - - 2.7 Watts Phase Jitter (BW =10Hz to Fo/2) - - 3 pS RMS Phase Jitter (BW =10KHz to Fo/2) - - 1 pS RMS Period Jitter - - 1 pS RMS Allan Variance (1 Second) - 1.00 E-10 - SSB Phase Noise at 10Hz offset - -90 - dBc/Hz 6.3 SSB Phase Noise at 100Hz offset - -120 - dBc/Hz 6.3 SSB Phase Noise at 1KHz offset - -140 - dBc/Hz 6.3 SSB Phase Noise at 10KHz offset - -150 - dBc/Hz 6.3 Start-Up Time: Oscillator - - 35 ms Warm Up Time - - 5 Minutes 7.3 VCOCXO CHARACTERISTICS TABLE 3.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE Control Voltage Range (Vc) 0.3 1.5 3.0 Vdc Frequency at Vc=0.3 Vdc - -7 -5 ppm 8.3 Frequency at Vc=3.0 Vdc 5 7 - ppm 8.3 Slope of Frequency Adjust 3.7 - - ppm/V Input Impedance 100k - - Ohm LVCMOS OUTPUT CHARACTERISTICS TABLE 4.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE LOAD - 15 - pF Voltage (High) (Voh) 2.6 - - Vdc (Low) (Vol) - - 0.4 Vdc Current (High) (Ioh) -4 - - mA (Low) (Iol) - - 4 mA Duty Cycle at 50% of Vcc 45 50 55 % Rise / Fall Time 10% to 90% - - 6 nS PACKAGE CHARACTERISTICS TABLE 5.3 PF1xxxx-Series DIP Package 14 pin DIP, hermetically sealed, grounded, welded package. PF2xxxx-Series Surface Mount Package Surface Mount, Non-hermetic package consisting of an FR4 substrate with grounded metal cover. ABSOLUTE MAXIMUM RATINGS TABLE 6.3 PARAMETER UNITS MINIMUM NOMINAL MAXIMUM UNITS NOTE Storage Temperature -55 - 125 °C Supply Voltage (Vcc) -0.5 - 4.5 Vdc Control Voltage (Vc) -0.5 - 4.5 Vdc OPERATING SPECIFICATIONS TABLE 7.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE Frequency Calibration -1.0 1.0 ppm 9.3, 12.3 Frequency Stability See Page 2 ppm 10.3 Frequency vs. Change in Supply Voltage -0.05 - 0.05 ppm 11.3 Aging (Daily) -30 - 30 ppb 123 Aging (1st year) -1.0 - 1.0 ppm Total Frequency Tolerance (20 years) -4.6 - 4.6 ppm 13.3 Supply Voltage (Vcc) 4.75 5.0 5.25 Vdc Supply Power (0 to 70°C) - - 1.5 Watts Supply Power (-40 to 85°C) - - 2.7 Watts Phase Jitter (BW =10Hz to Fo/2) - - 3 pS RMS Phase Jitter (BW =10KHz to Fo/2) - - 1 pS RMS Period Jitter - - 1 pS RMS Allan Variance (1 Second) - 1.00 E-10 - SSB Phase Noise at 10Hz offset - -90 - dBc/Hz 14.3 SSB Phase Noise at 100Hz offset - -120 - dBc/Hz 14.3 SSB Phase Noise at 1KHz offset - -140 - dBc/Hz 14.3 SSB Phase Noise at 10KHz offset - -150 - dBc/Hz 14.3 Start-Up Time: Oscillator - - 35 ms Warm Up Time - - 5 Minutes 15.3 VCOCXO CHARACTERISTICS TABLE 8.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE Control Voltage Range (Vc) 0.5 2.0 4.1 Vdc Frequency at Vc=0.5 Vdc - -7 -5 ppm 16.3 Frequency at Vc=4.1 Vdc 5 7 - ppm 16.3 Slope of Frequency Adjust 3.7 - - ppm/V Input Impedance 100k - - Ohm HCMOS OUTPUT CHARACTERISTICS TABLE 9.3 PARAMETER MINIMUM NOMINAL MAXIMUM UNITS NOTE LOAD - 15 - pF Voltage (High) (Voh) Vcc-0.5 - - Vdc (Low) (Vol) - - 0.4 Vdc Current (High) (Ioh) -4 - - mA (Low) (Iol) - - 4 mA Duty Cycle at 50% of Vcc 45 50 55 % Rise / Fall Time 10% to 90% - - 6 nS PACKAGE CHARACTERISTICS TABLE 10.3 PF1xxxx-Series DIP Package 14 pin DIP, hermetically sealed, grounded, welded package. PF2xxxx-Series Surface Mount Package Surface Mount, Non-hermetic package consisting of an FR4 substrate with grounded metal cover. |
Similar Part No. - PF154LF-010.0M |
|
Similar Description - PF154LF-010.0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |