Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-9741 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9741
Description  For 180, 300, 360 LPI Small Optical Encoder Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9741 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9741 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9741 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electrical Characteristics over Recommended Operating Range, Typical at TA = 25˚C
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
ICC
12
21
40
mA
High Level Output Voltage
VOH
2.4
V
IOH = –200
µA
Low Level Output Voltage
VOL
0.4
V
IOL = 3.2 mA
Rise Time
tr
70
ns
CL = 25 pF
Fall Time
tf
45
ns
RL = (NO pullup)
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
T
–40
85
°C
Supply Voltage
VCC
4.5
5.0
5.5
V
Ripple < 100 mVp-p. Recommended
one bypass capacitor (1
µF)
between VCC and GND less than
15 cm from the encoder.
Load Capacitance
CL
100
pF
Pullup Resistor
RL
none
Recommended no pullup. Device
has integrated 2.5 k
Ω on outputs.
Count Frequency
40
kHz
(Velocity (rpm) x N) / 60
Angular Misalignment EA
–2.0
0
+2.0
deg.
Mounting considerations.
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances.
These characteristics do not include codewheel/codestrip contribution. The Typical Values are averages over the full
rotation of the codewheel.
Parameter
Symbol
Typical
Maximum
Units
Pulse Width Error
∆P5
40
°e
Logic State Width Error
∆S3
40
°e
Phase Error
∆φ
215
°e


Similar Part No. - HEDS-9741

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9741 HP-HEDS-9741 Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
HEDS-9741 HP-HEDS-9741 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
More results

Similar Description - HEDS-9741

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
HEDS-974 HP-HEDS-974 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com