Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7821 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7821
Description  4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7821 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7821 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Figure 8. Package Dimensional Drawing and Pin Descriptions.
Package Dimensions and Pin Descriptions
5
2
3
4
10
6
9
8
7
TOP VIEW
4 ± 0.1
4 ± 0.1
Pin 1 Mark
1.1± 0.1
0.48
SIDE VIEW
1
BOTTOM VIEW
PIN DESCRIPTIONS
Ground
GND
10
Ground
GND
9
RF Output
RF Out
8
Ground
GND
7
Supply Voltage
Vcc2
6
Supply Voltage
Vcc1
5
RF Input
RF In
4
Ground
GND
3
Control Voltage
Vcont
2
Reference Voltage
Vref
1
Description
Name
Pin #
1.0
1.9
1.9
0.85
1.7
0.4
0.6
0.4
0.5
0.85


Similar Part No. - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-BLK AVAGO-ACPM-7822-BLK Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-TR1 AVAGO-ACPM-7822-TR1 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
More results

Similar Description - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
   Power Amplifier Module for CDMA (887-925 MHz)
logo
Stealth Microwave, Inc.
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
   400-925 MHz 4 Watt Linear Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
   925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com