Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1308AIS8-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT1308AIS8-TRPBF
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308AIS8-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LT1308AIS8-TRPBF Datasheet HTML 1Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 2Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 3Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 4Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 5Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 6Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 7Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 8Page - Linear Technology LT1308AIS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1308A/LT1308B
1308abfa
A
G
A
U
A
R
BSOLUTEXI
TI
S (Note 1)
VIN, SHDN, LBO Voltage ......................................... 10V
SW Voltage ............................................... – 0.4V to 36V
FB Voltage ....................................................... VIN + 1V
VC Voltage ................................................................ 2V
LBI Voltage ................................................. – 0.1V to 1V
Current into FB Pin ..............................................
±1mA
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Extended Commerial (Note 2) ........... – 40
°C to 85°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 6)
TJMAX = 125°C, θJA = 80°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1308ACS8#PBF
LT1308ACS8#TRPBF
1308A
8-Lead Plastic SO
0
°C to 70°C
LT1308AIS8#PBF
LT1308AIS8#TRPBF
1308AI
8-Lead Plastic SO
– 40
°C to 85°C
LT1308BCS8#PBF
LT1308BCS8#TRPBF
1308B
8-Lead Plastic SO
0
°C to 70°C
LT1308BIS8#PBF
LT1308BIS8#TRPBF
1308BI
8-Lead Plastic SO
– 40
°C to 85°C
LT1308ACF#PBF
LT1308ACF#TRPBF
LT1308ACF
14-Lead Plastic TSSOP
0
°C to 70°C
LT1308BCF#PBF
LT1308BCF#TRPBF
LT1308BCF
14-Lead Plastic TSSOP
0
°C to 70°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1308ACS8
LT1308ACS8#TR
1308A
8-Lead Plastic SO
0
°C to 70°C
LT1308AIS8
LT1308AIS8#TR
1308AI
8-Lead Plastic SO
– 40
°C to 85°C
LT1308BCS8
LT1308BCS8#TR
1308B
8-Lead Plastic SO
0
°C to 70°C
LT1308BIS8
LT1308BIS8#TR
1308BI
8-Lead Plastic SO
– 40
°C to 85°C
LT1308ACF
LT1308ACF#TR
LT1308ACF
14-Lead Plastic TSSOP
0
°C to 70°C
LT1308BCF
LT1308BCF#TR
LT1308BCF
14-Lead Plastic TSSOP
0
°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PI CO FIGURATIO
ORDER I FOR ATIO
TJMAX = 125°C, θJA = 190°C/W
F PACKAGE
14-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
TOP VIEW
14
13
12
11
10
9
8
VC
FB
SHDN
GND
GND
GND
GND
LBO
LBI
VIN
VIN
SW
SW
SW
1
2
3
4
8
7
6
5
TOP VIEW
LBO
LBI
VIN
SW
VC
FB
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
NOT RECOMMENDED FOR NEW DESIGNS
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1308AIS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308AIS8 LINER-LT1308AIS8 Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308AIS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com