Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1308ACF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1308ACF
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308ACF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1308ACF Datasheet HTML 2Page - Linear Technology LT1308ACF Datasheet HTML 3Page - Linear Technology LT1308ACF Datasheet HTML 4Page - Linear Technology LT1308ACF Datasheet HTML 5Page - Linear Technology LT1308ACF Datasheet HTML 6Page - Linear Technology LT1308ACF Datasheet HTML 7Page - Linear Technology LT1308ACF Datasheet HTML 8Page - Linear Technology LT1308ACF Datasheet HTML 9Page - Linear Technology LT1308ACF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1308A/LT1308B
1308abfa
VC (Pin 1/Pin 1): Compensation Pin for Error Amplifier.
Connect a series RC from this pin to ground. Typical
values are 47k
Ω and 100pF. Minimize trace area at VC.
FB (Pin 2/Pin 2): Feedback Pin. Reference voltage is
1.22V. Connect resistive divider tap here. Minimize trace
area at FB. Set VOUT according to:
VOUT = 1.22V(1 + R1/R2).
SHDN (Pin 3/Pin 3): Shutdown. Ground this pin to turn
off switcher. To enable, tie to 1V or more. SHDN does not
need to be at VIN to enable the device.
GND (Pin 4/Pins 4, 5, 6, 7): Ground. Connect directly to
local ground plane. Ground plane should enclose all
components associated with the LT1308. PCB copper
connected to these pins also functions as a heat sink. For
the TSSOP package, connect all pins to ground copper to
get the best heat transfer. This keeps chip heating to a
minimum.
PIN FUNCTIONS (SO/TSSOP)
SW (Pin 5/Pins 8, 9, 10): Switch Pins. Connect inductor/
diode here. Minimize trace area at these pins to keep EMI
down. For the TSSOP package, connect all SW pins
together at the package.
VIN (Pin 6/Pins 11, 12): Supply Pins. Must have local
bypass capacitor right at the pins, connected directly to
ground. For the TSSOP package, connect both VIN pins
together at the package.
LBI (Pin 7/Pin 13): Low-Battery Detector Input. 200mV
reference. Voltage on LBI must stay between –100mV
and 1V. Low-battery detector does not function with
SHDN pin grounded. Float LBI pin if not used.
LBO (Pin 8/Pin 14): Low-Battery Detector Output. Open
collector, can sink 50
μA. A 220kΩ pull-up is recom-
mended. LBO is high impedance when SHDN is grounded.


Similar Part No. - LT1308ACF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308ACF LINER-LT1308ACF Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308ACF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com