Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063ADG Datasheet(PDF) 6 Page - Wing Shing Computer Components

Part # MC34063ADG
Description  DC-TO-DC Converter Control Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MC34063ADG Datasheet(HTML) 6 Page - Wing Shing Computer Components

Back Button MC34063ADG Datasheet HTML 2Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 3Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 4Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 5Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 6Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 7Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 8Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 9Page - Wing Shing Computer Components MC34063ADG Datasheet HTML 10Page - Wing Shing Computer Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
TYPICAL APPLICATION
Figure 8. Step−Up Converter
DRC
Ipk
VCC
CII
SWC
SWE
TC
GND
170μH
L1
R3
180Ω
RSG
0.22Ω
C2
100μF
+
R1
2.2kΩ
R2
47kΩ
C3
330μF
+
C3
1.5nF
D1
BYV10-40
8
7
6
5
1
2
3
4
VOUT
VIN
12V
mV
%
Test Conditions
Result(Typ)
Unit
Line Regulation
Load Regulation
Output Ripple
Efficiency
VIN = 8 to 16 V, IO = 175 mA
VIN = 12 V, IO = 75 to 175 mA
VIN = 12 V, IO = 175 mA
30
VIN = 12 V, IO = 175 mA
mV
mV
10
300
89
Parameter
For VOUT=28V
DC-TO-DC Converter Control Circuits
MC34063A


Similar Part No. - MC34063ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063ADG ONSEMI-MC34063ADG Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063ADG ONSEMI-MC34063ADG Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063ADG ONSEMI-MC34063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063ADG ONSEMI-MC34063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063ADG ONSEMI-MC34063ADG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Similar Description - MC34063ADG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com