Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

497-6814 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 497-6814
Description  4A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

497-6814 Datasheet(HTML) 7 Page - STMicroelectronics

  497-6814 Datasheet HTML 1Page - STMicroelectronics 497-6814 Datasheet HTML 2Page - STMicroelectronics 497-6814 Datasheet HTML 3Page - STMicroelectronics 497-6814 Datasheet HTML 4Page - STMicroelectronics 497-6814 Datasheet HTML 5Page - STMicroelectronics 497-6814 Datasheet HTML 6Page - STMicroelectronics 497-6814 Datasheet HTML 7Page - STMicroelectronics 497-6814 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Z04
Ordering information
7/8
4
Ordering information
5
Revision history
Ordering type
Marking
Weight
Base qty
Delivery mode
Z04xxyF 0AA2(1)
1.
xx = sensitivity, y = voltage
Z04xxyF(1)
0.8 g
50
Tube
Date
Revision
Description of Changes
Oct-2001
4
Last update.
13-Feb-2006
5
TO202-3 delivery mode changed from bulk to tube.
ECOPACK statement added.
31-Mar-2006
6
Reformatted to current standard. Lead marking changed
on page 1
12-05-2006
7
Typographical error for (dV/dt)c corrected in Table 2.


Similar Part No. - 497-6814

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
497-6812-2 STMICROELECTRONICS-497-6812-2 Datasheet
130Kb / 12P
   Standard 1A Triacs
497-6813-2 STMICROELECTRONICS-497-6813-2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - 497-6814

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com