Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-521P8-TR1 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ATF-521P8-TR1
Description  High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ATF-521P8-TR1 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ATF-521P8-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ATF-521P8-TR1 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Freq
F
min
Γ
opt
Γ
opt
R
n
G
a
GHz
dB
Mag.
Ang.
dB
0.5
0.60
0.19
162.00
3.0
20.0
1.0
0.72
0.30
164.00
2.6
18.3
2.0
0.81
0.44
176.97
2.0
15.9
3.0
0.92
0.56
‑164.98
2.0
13.6
4.0
1.24
0.59
‑155.51
3.4
11.1
5.0
1.50
0.70
‑136.55
11.1
9.7
6.0
1.60
0.75
‑128.59
16.0
8.7
7.0
1.88
0.81
‑117.31
24.0
7.6
8.0
2.02
0.68
‑109.54
28.8
5.6
Typical Noise Parameters, V
DS = 4.5V, IDS = 120 mA
Figure 42. MSG/MAG and |S21|2 vs.
Frequency at 4.5V, 120 mA.
MAG
S21
FREQUENCY (GHz)
0
20
10
5
15
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
MSG
ATF-521P8 Typical Scattering Parameters, V
DS = 4.5V, IDS = 120 mA
Freq.
S
11
S
21
S
12
S
22 MSG/MAG
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
0.1
0.913
‑84.6
34.2
51.26
135.4
‑36.4
0.015
49.0
0.423
‑106.6
35.3
0.2
0.900
‑125.0
30.3
32.80
115.4
‑33.9
0.020
31.2
0.499
‑139.4
32.1
0.3
0.896
‑142.0
27.4
23.39
106.1
‑33.4
0.021
25.3
0.522
‑153.4
30.5
0.4
0.893
‑152.3
25.1
17.89
100.3
‑32.9
0.023
23.5
0.530
‑161.1
28.9
0.5
0.882
‑158.4
23.4
14.75
96.3
‑32.6
0.023
22.5
0.531
‑165.0
28.1
0.6
0.895
‑164.2
21.8
12.36
92.9
‑32.7
0.023
20.6
0.537
‑168.4
27.3
0.7
0.893
‑167.8
20.6
10.71
90.5
‑32.4
0.024
20.4
0.537
‑171.2
26.5
0.8
0.895
‑170.8
19.5
9.39
88.0
‑32.3
0.024
21.1
0.539
‑173.1
25.9
0.9
0.897
‑173.0
18.5
8.44
86.1
‑32.2
0.025
22.1
0.539
‑174.8
25.3
1
0.895
‑175.5
17.6
7.59
83.6
‑31.8
0.026
23.0
0.540
‑176.9
24.7
1.5
0.893
176.0
14.1
5.07
75.3
‑31.1
0.028
25.5
0.538
177.4
22.6
2
0.889
169.2
11.8
3.89
67.8
‑30.0
0.032
27.9
0.528
172.2
20.8
2.5
0.882
163.6
10.0
3.15
61.2
‑29.0
0.036
30.2
0.526
168.1
19.4
3
0.888
157.9
8.4
2.62
54.6
‑28.2
0.039
30.2
0.528
163.9
16.9
4
0.883
146.8
5.9
1.97
40.7
‑26.5
0.047
29.7
0.536
155.7
13.6
5
0.885
137.7
3.8
1.55
28.2
‑25.2
0.055
26.3
0.556
148.1
11.6
6
0.892
128.0
2.1
1.28
16.7
‑24.0
0.063
21.9
0.576
140.5
10.2
7
0.894
120.4
0.6
1.08
5.1
‑22.8
0.072
18.2
0.591
133.1
8.9
8
0.880
105.7
‑1.0
0.89
‑8.7
‑21.2
0.087
10.6
0.585
124.3
6.6
9
0.876
96.5
‑1.9
0.81
‑20.8
‑20.1
0.099
3.2
0.602
114.9
5.7
10
0.879
84.4
‑3.0
0.71
‑32.7
‑19.3
0.108
‑5.2
0.605
104.5
4.7
11
0.889
72.8
‑3.8
0.65
‑44.3
‑18.6
0.118
‑13.5
0.624
94.2
4.3
12
0.881
62.4
‑5.2
0.55
‑56.0
‑18.1
0.125
‑23.1
0.642
83.4
2.7
13
0.893
54.0
‑6.3
0.48
‑66.6
‑17.7
0.130
‑31.4
0.664
72.4
2.2
14
0.891
42.1
‑7.2
0.44
‑72.6
‑17.3
0.136
‑38.4
0.697
65.1
1.2
15
0.888
34.1
‑8.3
0.39
‑79.2
‑16.8
0.144
‑45.9
0.732
56.7
0.4
16
0.845
25.3
‑9.1
0.35
‑89.6
‑16.1
0.157
‑55.0
0.751
50.4
‑1.5
17
0.828
13.2
‑11.2 0.28
‑95.9
‑15.6
0.167
‑64.2
0.821
44.0
‑3.9
18
0.827
‑10.2
‑11.0 0.28
‑92.5
‑16.6
0.147
‑86.1
0.654
39.9
‑4.3
Notes:
1. F
min values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based on
a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true F
min is
calculated. Refer to the noise parameter application section for more information.
2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of
the gate lead. The output reference plane is at the end of the drain lead.


Similar Part No. - ATF-521P8-TR1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF-521P8-TR1 ETC1-ATF-521P8-TR1 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
More results

Similar Description - ATF-521P8-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
   High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF501P8 HP-ATF501P8 Datasheet
204Kb / 23P
   Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
List of Unclassifed Man...
MGA-425P8 ETC-MGA-425P8 Datasheet
136Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
MGA-425P8 BOARDCOM-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
DEMO-MGA-425P8 BOARDCOM-DEMO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8_07 Datasheet
240Kb / 15P
   GaAs Enchancement-mode PHEMT Power Amplifier in 2x2 mm2 LPCC Package
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com