Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7510 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7510
Description  Isolated Linear Sensing IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7510 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7510 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7510 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
HCPL-7510 Gull Wing Surface Mount Option 300 Outline Drawing
0.635 ± 0.25
(0.025 ± 0.010)
12 NOM.
0.20 (0.008)
0.33 (0.013)
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.80 ± 0.25
(0.386 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.080 ± 0.320
(0.043 ± 0.013)
3.56 ± 0.13
(0.140 ± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
TOLERANCES (UNLESS OTHERWISE SPECIFIED): xx.xx = 0.01
xx.xxx = 0.005
A 7510
YYWW
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
1.016 (0.040)
10.9 (0.430)
2.0 (0.080)
Land Pattern Recommendation
1.27 (0.050)
NOTE: FLOATING LEAD PROTUSION IS 0.5 mm (20 mils) MAX.


Similar Part No. - HCPL-7510

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-060 HP-HCPL-7510-060 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-060E HP-HCPL-7510-060E Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-300 HP-HCPL-7510-300 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-300E HP-HCPL-7510-300E Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
More results

Similar Description - HCPL-7510

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com