Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-6120 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6120
Description  High Performance Laser Mouse Bundles
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6120 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
Design considerations for improving ESD Performance
For improved electrostatic discharge performance, typical
creepage and clearance distance are shown in the table
below. Assumption: base plate construction as per the
Avago Technologies supplied IGES file and ADNS-6130-
001 trim lens (or ADNS-6120 round lens).
Figure 4. Cross section of PCB assembly
LENS
BASE PLATE
SENSOR
VCSEL PCB
VCSEL
PCB
CLIP
Figure 5. Schematic Diagram for 3-Button Scroll Wheel USB PS/2 Mouse
Typical Distance
Millimeters
Creepage
12.0
Clearance
2.1
The lens flange can be sealed (i.e. glued) to the base
plate. Note that the lens material is polycarbonate and
therefore, cyanoacrylate based adhesives or other adhe-
sives that may damage the lens should NOT be used.
14
5
Vcc
9
GND
16
15
Vreg
11
19
17
GND
12
13
XTALOUT
20
*Outputs configured
as open drain if NOT
using level shifter
D1
VCSEL
P0.5*
P0.4*
P0.7*
P0.6
P1.4
P0.2
P0.0
P0.3
P1.5
VPP
R4 20K
Vcc
P1.0
P1.1
P1.2
P1.3
P1.6
P1.7
P0.1
R3 20K
Vcc
QA
QB
Rbin
Selected to
match laser
RBIN
24
MOSI
23
SCLK
21
MISO
22
R2
20K
NCS
3
RESET
NPD
4
R1
20K
R9
10 K
R10
10 K
24 MHz
OSC_OUT
OSC_IN
GUARD
X1
REFC
REFB
C9
0.1
C8
2.2
LASER _NEN
XY_LASER
Q2
2N3906
C2
0.1
C3
0.1
GND
GND
Vout Vin
Gnd
+3.3V
C7
4.7
C4
0.1
C6
4.7
1
2
3
Vcc
LP2950ACZ-3.3
3.3V Regulator
Vcc
3
SW4
ALPS
EC10E
Scroll wheel encoder
__
CS
SCLK
SI
S0
VCC
___
WP
____
HLD
GND
1
6
5
2
8
3
7
4
R7 100K
C5
0.1
N/C
N/C
D-/SDAT
D+/SCLK
XTALIN/P2.1
6
8
1
2
3
4
Vcc
VBUS
D+
D-
USB Port
R5
1.30K
C1
0.1
Buttons SW2
SW1
SW3
middle
right
left
25LC160A 16KBit EEPROM (optional)
7
18
1
2
10
1
2
R6
2.7K
C10
470pF
Murata
CSALS24MOX53-B0
Optional
Ground
Plane
6
9
13
7
15
4
1
5
19
12
11
20
3
2
10
14
8
17
16 18
3
7
C2
0.1
1
2
2
5
6
3
9
8
74VHC125 Level Shifter
14
4
1
10
Hi-Z Configuration
C10 to be as close as
possible to VCSEL


Similar Part No. - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6120 HP-ADNS-6120 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
More results

Similar Description - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
ADNB-6032 HP-ADNB-6032 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com