Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9515AA03ZL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9515AA03ZL
Description  2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9515AA03ZL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9515AA03ZL Datasheet HTML 1Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 2Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 3Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 4Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 5Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 6Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 7Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 8Page - Torex Semiconductor XC9515AA03ZL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
XC9515 Series
2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
VIN=5V, fOSC=1MHz, L=4.7μH (CDRH4D28C)
CIN=10μF (ceramic), CL=10μF (ceramic)
VIN
NC
NC
PVSS
1
NC
PVSS
2
VOUT
1
VOUT
2
MR
AVSS
Cd
VOUT1
CIN1
CL1
CIN2
MR
VDOUT
L1
L2
Cd
VOUT2
EN2
EN1
CL2
RUP
VIN=5V,FOSC=1MHz
L=4.7uH(CDRH4D28C),CIN=10uF(ceramic),CL=10uF(ceramic)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current : IOUT [mA]
VOUT=1.5V
VOUT=3.3V
VOUT=1.8V
ETR0706-008
■GENERAL DESCRIPTION
The XC9515 series consists of 2 channel synchronous step-down DC/DC converters and a voltage detector with delay circuit
built-in. The DC/DC converter block incorporates a P-channel 0.35Ω (TYP.) driver transistor and a synchronous N-channel
0.35Ω (TYP.) switching transistor. By minimizing ON resistance of the built-in transistors, the XC9515 series can deliver
highly efficient and a stable output current up to 800mA. With high switching frequencies of 1MHz, a choice of small inductor
is possible. The series has a built-in UVLO (under-voltage lock-out) function, therefore, the internal P-channel driver
transistor is forced OFF when input voltage becomes 1.8V or lower (for XC9515A, 2.7V or lower). The voltage detector block
can be set delay time freely by connecting an external capacitor. With the manual reset function, the series can output a
reset signal at any time.
■APPLICATIONS
●DVDs
●Blu-ray Disk
●LCD TVs, LCD modules
●Multifunctional printers
●Photo printers
●Set top boxes
■FEATURES
DC/DC Block
Input Voltage Range
: 2.5V∼5.5V
Output Voltage
: VOUT1=1.2V∼4.0V
VOUT2=1.2V∼4.0V
(Accuracy ±2%)
Oscillation Frequency
: 1MHz (Accuracy ±15%)
High Efficiency
: 95% (VIN=5V, VOUT=3.3V)
Output Current
: 800mA
Control
: PWM control
Protection Circuits
: Thermal Shutdown
: Integral Latch (Over Current Limit)
: Short Protection Circuit
Ceramic Capacitor Compatible
Voltage Detector (VD) Block
Detect Voltage Range
: 2.0∼5.5V(Accuracy ±2%)
Delay Time
: 173 ms
(When Cd=0.1μF is connected)
Output Configuration
: N-channel open drain
Package
: QFN-20
■TYPICAL APPLICATION CIRCUIT
■ TYPICAL PERFORMANCE
CHARACTERISTICS
● Efficiency vs. Output Current


Similar Part No. - XC9515AA03ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515AA01ZR-G TOREX-XC9515AA01ZR-G Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
More results

Similar Description - XC9515AA03ZL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9515 TOREX-XC9515_1 Datasheet
390Kb / 21P
   2 channel Synchronous Step-Down DC/DC Converter with Manual Reset
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com