Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC494 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # STC494
Description  Pulse Width Modulation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC494 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  STC494 Datasheet HTML 1Page - Suntac Electronic Corp. STC494 Datasheet HTML 2Page - Suntac Electronic Corp. STC494 Datasheet HTML 3Page - Suntac Electronic Corp. STC494 Datasheet HTML 4Page - Suntac Electronic Corp. STC494 Datasheet HTML 5Page - Suntac Electronic Corp. STC494 Datasheet HTML 6Page - Suntac Electronic Corp. STC494 Datasheet HTML 7Page - Suntac Electronic Corp. STC494 Datasheet HTML 8Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
S
Absolute Maximum Ratings
Ta=25
C
Characteristic
Symbol
Ratings
Unit
supply voltage
VCC
42
V
Voltage From Any Pin to Ground
(except pin 8 and pin 11)
VIN
VCC+0.3
V
Output Collector Voltage
VC1, VC2
42
V
Peak Collector Current
IC1, IC2
250
mA
Power Dissipation
PD
1500
mW
Operating Temperature
Topr
-40 ~ 85
C
Storage Temperature
Tstg
-65 ~ 150
C
Recommended Operating Condition
Characteristic
Symbol
Min.
Max.
Unit
supply voltage
VCC
7
40
V
Voltage on Any Pin Except Pin
8 and 11(Referenced to Ground)
VIN
-0.3
VCC+0.3
V
Output Voltage
VC1, VC2
-0.3
40
V
Output Collector Current
IC1, IC2
-
200
mA
Timing Capacitor
Ct
470
-
PF
Timing Capacitor
Ct
-
10
Timing Resistor
Rt
1.8
500
Oscillator Frequency
fOSC
1
300
KHz
Electrical Characteristics
Reference Section
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reference Voltage
Vref
Iref = 1.0mA
4.75
5.00
5.25
V
Line Regulation
VLINE
7V < Vcc < 40V
-
2
25
mV
Load Regulation
VLOAD
1mA< IREF <10mA
-
1
15
mV
Temperature Coefficient
-
0
C < Ta <70 C
-
0.01
0.03
%/
C
Oscillator Section
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Oscillator Frequency
fOSC
Ct=0.01
, Rt=12
-
10
-
Oscillator Frequency Change
Over Operating Temperature
Range
fSOC
Ct=0.01
, Rt=12
-
-
2
%
STC494


Similar Part No. - STC494

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC4.7-15C2 VISHAY-STC4.7-15C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-20N2 VISHAY-STC4.7-20N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25C3 VISHAY-STC4.7-25C3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-25N3 VISHAY-STC4.7-25N3 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC4.7-4C1 VISHAY-STC4.7-4C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Similar Description - STC494

ManufacturerPart #DatasheetDescription
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Daewoo Semiconductor
DBL494 DAEWOO-DBL494 Datasheet
329Kb / 6P
   PULSE WIDTH MODULATION
logo
AUK corp
S494P AUK-S494P Datasheet
342Kb / 8P
   Pulse Width Modulation
S494 AUK-S494_1 Datasheet
350Kb / 9P
   Pulse Width Modulation
logo
Cirrus Logic
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIER
SA08 APEX-SA08 Datasheet
239Kb / 4P
   PULSE WIDTH MODULATION AMPLIFIERS
SA305 APEX-SA305 Datasheet
562Kb / 6P
   PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
   PULSE WIDTH MODULATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com