Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMQ-C191 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMQ-C191
Description  High Performance Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMQ-C191 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMQ-C191 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMQ-C191 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Intensity (mcd)
Bin ID
Min.
Max.
Bin ID
Min.
Max.
A
0.11
0.18
N
28.50
45.00
B
0.18
0.29
P
45.00
71.50
C
0.29
0.45
Q
71.50
112.50
D
0.45
0.72
R
112.50
180.00
E
0.72
1.10
S
180.00
285.00
F
1.10
1.80
T
285.00
450.00
G
1.80
2.80
U
450.00
715.00
H
2.80
4.50
V
715.00
1125.00
J
4.50
7.20
W
1125.00
1800.00
K
7.20
11.20
X
1800.00
2850.00
L
11.20
18.00
Y
2850.00
4500.00
M
18.00
28.50
Tolerance:
±15%
Notes:
1. Bin categories are established for classification of products. Products may not be available in all catego-
ries. Please contact your Avago representative for information on currently available bins.
2. The Iv binning specification set-up is for lowest allowable Iv binning only. There are no upper Iv bin limits.
Figure 2. Forward current vs. forward voltage.
Figure 3. Luminous intensity vs. forward
current.
Figure 4. Maximum forward current vs.
ambient temperature.
100
10
1
0.1
2.0
2.5
3.0
3.5
4.0
VF – FORWARD VOLTAGE – V
GREEN
BLUE
05
15
IF – FORWARD CURRENT – mA
0
0.4
1.0
20
0.6
0.2
0.8
10
25
1.2
GREEN
BLUE
WAVELENGTH – nm
100
50
0
600
700
BLUE
GREEN
500
400
90
80
70
60
40
30
20
10
0
0
20
60
80 90
5
TA – AMBIENT TEMPERATURE – °C
40
15
10
20
R
θJ-A = 600°C/W
R
θJ-A = 500°C/W
25
10
30
50
70


Similar Part No. - HSMQ-C191

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C191 AVAGO-HSMQ-C191 Datasheet
229Kb / 6P
   Product Obsolescence Notification
logo
Broadcom Corporation.
HSMQ-C191-T0000 BOARDCOM-HSMQ-C191-T0000 Datasheet
1Mb / 9P
   Top View InGaN Green ChipLED
More results

Similar Description - HSMQ-C191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMR-C110 HP-HSMR-C110 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Energizer
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Mitel Networks Corporat...
1A301 MITEL-1A301 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com