Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1400G Datasheet(PDF) 3 Page - Suntac Electronic Corp.

Part # SDB1400G
Description  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

SDB1400G Datasheet(HTML) 3 Page - Suntac Electronic Corp.

  SDB1400G Datasheet HTML 1Page - Suntac Electronic Corp. SDB1400G Datasheet HTML 2Page - Suntac Electronic Corp. SDB1400G Datasheet HTML 3Page - Suntac Electronic Corp. SDB1400G Datasheet HTML 4Page - Suntac Electronic Corp. SDB1400G Datasheet HTML 5Page - Suntac Electronic Corp. SDB1400G Datasheet HTML 6Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Data Sheets
Sidac
LK
* See Electrical Specification Note (6).
**
R JA for TO-202 Type 23 and Type 41 is 70 °C/Watt.
*** Mounted on 1 cm2 copper foil surface; two-ounce copper foil
Figure E9.1 Peak Surge Current versus Surge Current Duration
Figure E9.2 Normalized DC Holding Current versus Case/Lead
Temperature
VTM
ITSM
RS
dv/dt
di/dt
Volts
MAX
(5)
Amps
(8)
k
Volts/µSec
Amps/µSec
Package
60 Hz
50 Hz
EG
F
S
MIN
MIN
TYP
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
1.5
1.5
3
1.5
20
16.7
0.1
1500
150
3
20
16.7
0.1
1500
150
Thermal Resistance (Steady State)
R JC [R JA] °C/W (TYPICAL) *
E Package
G Package
F Package
S Package
35 [95]
18 [75]
7 [45] **
30 *** [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
Notes:
1) Blocking capability may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned
to steady-state rated value.
Surge Current Duration – Full Cycles
100
0
.5
1.0
2.0
1.5
-15
-40
+25
+65
+105
+125
Case Temperature (TC) –
˚C


Similar Part No. - SDB1400G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDB14 TSC-SDB14 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SDB14 TSC-SDB14 Datasheet
408Kb / 2P
   1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
Shenzhen Luguang Electr...
SDB14 LUGUANG-SDB14 Datasheet
254Kb / 2P
   1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
HY ELECTRONIC CORP.
SDB14D HY-SDB14D Datasheet
345Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
logo
Diotec Semiconductor
SDB14HS DIOTEC-SDB14HS Datasheet
120Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - SDB1400G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com