Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC9014 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # STC9014
Description  NPN Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STC9014 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  STC9014 Datasheet HTML 1Page - Suntac Electronic Corp. STC9014 Datasheet HTML 2Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
150
mA
PC
Collector Power Dissipation
250
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
60
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
50
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=3V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=6V, IC=1.0mA
40
700
VCE (sat)
Collector-Emitter Saturation Voltage
IC=100mA, IB=10mA
0.15
0.3
V
fT
Current Gain Bandwidth Product
VCE=6V, IC=10mA
300
MHz
Cob
Output Capacitance
VCB=6V, IE=0, f=1MHz
2.5
pF
NF
Noise Figure
VCE=6V, IC=0.5mA
f=1KHz, RS=500Ω
4.0
dB
Classification
A
B
C
D
hFE
40 ~ 140
120 ~ 240
200 ~ 400
350 ~ 700
Audio Frequency Amplifier & High
Frequency OSC.
• Complement to STC
9015
• Collector-Base Voltage : VCBO=60V
• High Current Gain Bandwidth Product : fT=300MHz (TYP)
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Collector 3. Base
TO-92
1
STC9014
NPN Silicon Transistor
1/2


Similar Part No. - STC9014

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC9014N AUK-STC9014N Datasheet
234Kb / 4P
   NPN Silicon Transistor
STC9014SF AUK-STC9014SF Datasheet
248Kb / 4P
   NPN Silicon Transistor
More results

Similar Description - STC9014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com