Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTFL530-001.544M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HTFL530-001.544M
Description  3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HTFL530-001.544M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HTFL530-001.544M Datasheet HTML 1Page - Connor-Winfield Corporation HTFL530-001.544M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - HTFL530-001.544M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546-20.48M CONNOR-WINFIELD-HTFL546-20.48M Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546G CONNOR-WINFIELD-HTFL546G Datasheet
209Kb / 2P
   3.3V 14 PIN DIP FIXED FREQUENCY LVCMOS TCXO
HTFL546G-1.544M CONNOR-WINFIELD-HTFL546G-1.544M Datasheet
209Kb / 2P
   3.3V 14 PIN DIP FIXED FREQUENCY LVCMOS TCXO
More results

Similar Description - HTFL530-001.544M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HC15R5A CONNOR-WINFIELD-HC15R5A Datasheet
205Kb / 2P
   3.3V LVCMOS 14 PIN DIP CRYSTAL CLOCK OSCILLATOR
HTFL546G CONNOR-WINFIELD-HTFL546G Datasheet
209Kb / 2P
   3.3V 14 PIN DIP FIXED FREQUENCY LVCMOS TCXO
HTF2A-19.44M CONNOR-WINFIELD-HTF2A-19.44M Datasheet
205Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546A CONNOR-WINFIELD-HTF546A Datasheet
163Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTF546AG CONNOR-WINFIELD-HTF546AG Datasheet
158Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL680 CONNOR-WINFIELD-HTFL680 Datasheet
204Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
OVA3AB4AA CONNOR-WINFIELD-OVA3AB4AA Datasheet
130Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
BGOV3S3G CONNOR-WINFIELD-BGOV3S3G Datasheet
161Kb / 2P
   3.3V 14 PIN DIP STRATUM 3 LVCMOS VCOCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com